Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN578 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN578
Description  POWER CROSSING BEHAVIOUR OF LINE CARD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN578 Datasheet(HTML) 1 Page - STMicroelectronics

  AN578 Datasheet HTML 1Page - STMicroelectronics AN578 Datasheet HTML 2Page - STMicroelectronics AN578 Datasheet HTML 3Page - STMicroelectronics AN578 Datasheet HTML 4Page - STMicroelectronics AN578 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
May 2004
AN578
APPLICATION NOTE
POWER CROSSING
BEHAVIOUR OF LINE CARD PROTECTION
REV. 2A - 3601
INTRODUCTION
The purpose of this document is to explain the behaviour of LCP 150S/1511/1512 devices during the cou-
pling between a telecommunication line and a mains line.
TEST DIAGRAM
Figure 1 shows the test diagram. The mains 220 V 50 Hz is applied to the test assembly through an iso-
lation transformer. A relay driven by a mono-pulse generator allows the conducting time to be adjusted.
The current through the device is adjusted by a series resistor.
Figure 1. Test Diagram
MEASUREMENTS
During the tests three kinds of behaviour occur:
a) As shown in Figure 2 the device acts as a clamping device (non-firing) due to the small value of the
current which never exceeds the latching current of the structure.
220V
50Hz
1/1
TRANSFORMER
ISOLATION
RELAY
0to 4K
Line A
GND
GATE
LCPxxx
POWER SUPPLY
48V
+-


Similar Part No. - AN578

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AN57821 INFINEON-AN57821 Datasheet
880Kb / 59P
PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
AN57821 INFINEON-AN57821 Datasheet
7Mb / 140P
Programmable System-on-Chip (PSoC®)
November 27, 2019
More results

Similar Description - AN578

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJEC3V3M1FN2 PANJIT-PJEC3V3M1FN2 Datasheet
141Kb / 5P
Bidirectional ESD protection of one line
PJEC5V0V3FN2B PANJIT-PJEC5V0V3FN2B Datasheet
158Kb / 5P
Bidirectional ESD protection of one line
logo
Infineon Technologies A...
IDP08E65D1 INFINEON-IDP08E65D1 Datasheet
1Mb / 11P
Temperature stable behaviour of key parameters
Rev.2.2,2013-12-16
logo
Pan Jit International I...
PJEC3V3M3FN2 PANJIT-PJEC3V3M3FN2 Datasheet
214Kb / 6P
ESD Protection, Bidirectional ESD protection of one line
PJEC12VM1TA-AU PANJIT-PJEC12VM1TA-AU Datasheet
225Kb / 6P
Bidirectional ESD protection of one line
PJEC2415VM1WS-AU PANJIT-PJEC2415VM1WS-AU Datasheet
286Kb / 6P
Bidirectional ESD protection of one line
logo
Guangdong Youtai Semico...
PESD3V3L1UB UMW-PESD3V3L1UB Datasheet
389Kb / 4P
Unidirectional ESD protection of one line
PESD5V0F1BL UMW-PESD5V0F1BL Datasheet
476Kb / 5P
Bidirectional ESD protection of one line
PESD5V0L1UA UMW-PESD5V0L1UA Datasheet
414Kb / 5P
Unidirectional ESD protection of one line
PESDXXXS1UB UMW-PESDXXXS1UB Datasheet
382Kb / 7P
Unidirectional ESD protection of one line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com