Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2456 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2456
Description  Protection of single battery voltage SLICs for new networks in US market
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2456 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2456 Datasheet HTML 6Page - STMicroelectronics AN2456 Datasheet HTML 7Page - STMicroelectronics AN2456 Datasheet HTML 8Page - STMicroelectronics AN2456 Datasheet HTML 9Page - STMicroelectronics AN2456 Datasheet HTML 10Page - STMicroelectronics AN2456 Datasheet HTML 11Page - STMicroelectronics AN2456 Datasheet HTML 12Page - STMicroelectronics AN2456 Datasheet HTML 13Page - STMicroelectronics AN2456 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SLIC protection
AN2456
10/15
Figure 10 shows the setup used to perform lightning tests in longitudinal mode. To perform
lightning tests in metallic mode, the set up is similar except that one of the wires (TIP or
RING) is connected to ground and the surge is applied only on the other wire.
Figure 10.
Lightning measurement set up for longitudinal tests
Figure 11.
+800 V - 100 A (2/10 µs) - Metallic on ring - ringing mode
I Surge
TIP
RING
LCP1521S
SLIC
STLC3055N
-Vbat
TIP
RING
TCP500mA
220 nF
TCP500mA
50
Ω
50
Ω
Lightning
Generator
Oscilloscope
Current probe
Voltage probe
VTip
VRing
EUT
10
Ω
10
Ω
-Vbat
Ring
Gen
VTip (20 V/div)
VRing (20 V/div)
-Vbat (20 V/div)
ISurge (20 A/div)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com