Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2456 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2456
Description  Protection of single battery voltage SLICs for new networks in US market
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2456 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2456 Datasheet HTML 1Page - STMicroelectronics AN2456 Datasheet HTML 2Page - STMicroelectronics AN2456 Datasheet HTML 3Page - STMicroelectronics AN2456 Datasheet HTML 4Page - STMicroelectronics AN2456 Datasheet HTML 5Page - STMicroelectronics AN2456 Datasheet HTML 6Page - STMicroelectronics AN2456 Datasheet HTML 7Page - STMicroelectronics AN2456 Datasheet HTML 8Page - STMicroelectronics AN2456 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Telecom disturbances
AN2456
4/15
Table 3 shows the most commonly used worldwide standard for ESD. Generally, Level 4 is
required. Such tests appear in the Telcordia GR1089 standard and do apply to equipment
port type 4.
The next section presents the protection concept of the LCP152xx used to protect short line
SLICs with a single battery voltage.
Table 2.
Telecordia GR1089 2nd level intrabuilding power crossing test
(equipment port type 4)
Test
Test for
Voltage
(Vrms)
Current
(Arms)
Duration
Test
configuration(1)
1.
M: metallic; L: longitudinal
1
Secondary contact
120
25
15 minutes
M (on tip and ring), L
Table 3.
IEC61000-4-2 ESD surge standard
Contact discharge
Air discharge
Level
Test voltage (kV)
Level
Test voltage (kV)
1
212
2
424
3
638
48
4
15
X(1)
1.
“X” is a level to be defined.
Special
X(1)
Special



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com