Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2495 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2495 Datasheet HTML 1Page - STMicroelectronics AN2495 Datasheet HTML 2Page - STMicroelectronics AN2495 Datasheet HTML 3Page - STMicroelectronics AN2495 Datasheet HTML 4Page - STMicroelectronics AN2495 Datasheet HTML 5Page - STMicroelectronics AN2495 Datasheet HTML 6Page - STMicroelectronics AN2495 Datasheet HTML 7Page - STMicroelectronics AN2495 Datasheet HTML 8Page - STMicroelectronics AN2495 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
April 2011
Doc ID 13127 Rev 5
1/36
AN2495
Application note
3-phase 80 W SMPS with very wide-range input voltage
based on the L6565 and ESBT® STC04IE170HV
1
Introduction
The purpose of this application note is to explain the design of an 80 W 3-phase auxiliary
power supply for motor drives and welding applications. To reach a high level system in
terms of both efficiency and cost, the L6565 PWM controller has been selected as well as
the STC04IE170HV as the main switch. The combination of these STMicroelectronics™
parts provides a highly efficient solution for high DC input voltage, a typical requirement of
any three-phase application. The L6565 driver is a variable frequency PWM driver suitable
for a design flyback converter working in quasi-resonant mode. It also includes some very
useful additional features.
The frequency response study reported in the this document is carried out using MATLAB.
All the design choices are thoroughly discussed to allow the user to adapt the project to
specific needs. The input voltage can also be extended up to 1000 VDC as enough margin
exists to do so. Finally, the experimental results are analyzed to better understand the
benefits offered by the use of ESBT® in this application.
The document is associated with demonstration boards STEVAL-ISA019V1, STEVAL-
ISA019V2 and STEVAL-ISA019V3 (Figure 1).
Figure 1.
80 W 3-phase SMPS (working prototype)
www.st.com


Similar Part No. - AN2495

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN249 SILABS-AN249 Datasheet
434Kb / 42P
HUMAN INTERFACE DEVICE TUTORIAL
logo
STMicroelectronics
AN2491 STMICROELECTRONICS-AN2491 Datasheet
154Kb / 32P
STW8110x hardware component layer API guide
10-Aug-2007
logo
Panasonic Semiconductor
AN2492FH PANASONIC-AN2492FH Datasheet
236Kb / 23P
Luminance and chrominance signal processing circuit for 8 mm video (NTSC)
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
More results

Similar Description - AN2495

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3383 STMICROELECTRONICS-AN3383 Datasheet
5Mb / 29P
The purpose of this application note is to describe:
08-Apr-2011
AN3959 STMICROELECTRONICS-AN3959 Datasheet
4Mb / 65P
The purpose of this application note is to describe
05-Dec-2011
AN302 STMICROELECTRONICS-AN302 Datasheet
143Kb / 10P
The purpose of this note is to familiarize
10-Mar-2008
AN303 STMICROELECTRONICS-AN303 Datasheet
170Kb / 13P
The purpose of this note is to familiarize
24-Apr-2009
AN1755 STMICROELECTRONICS-AN1755 Datasheet
84Kb / 7P
The goal of this application note is to present
Rev. 1.0
AN2394 STMICROELECTRONICS-AN2394 Datasheet
163Kb / 13P
The purpose of this application note
06-Dec-2007
AN2776 STMICROELECTRONICS-AN2776 Datasheet
168Kb / 20P
The purpose of this application note is to explain
29-May-2008
AN4296 STMICROELECTRONICS-AN4296 Datasheet
1Mb / 25P
The purpose of this application note is to give a presentation
02-Sep-2014
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
The purpose of this document is to describe the design of the application
17-Nov-2014
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
The purpose of this document is to describe the design of the application
04-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com