Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2495 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 6Page - STMicroelectronics AN2495 Datasheet HTML 7Page - STMicroelectronics AN2495 Datasheet HTML 8Page - STMicroelectronics AN2495 Datasheet HTML 9Page - STMicroelectronics AN2495 Datasheet HTML 10Page - STMicroelectronics AN2495 Datasheet HTML 11Page - STMicroelectronics AN2495 Datasheet HTML 12Page - STMicroelectronics AN2495 Datasheet HTML 13Page - STMicroelectronics AN2495 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Flyback stage design
AN2495
10/36
Doc ID 13127 Rev 5
Figure 5.
Relative core losses versus frequency
From Figure 5, operating at 50 kHz with 220 mT flux excursion, the power dissipation
density is about 300 mW/cm3. Once again, referring to the EPCOS datasheet, the total
volume of ETD 34 is 7.63 cm3, therefore:
Equation 14
Assuming a 95% efficiency for the transformer, only 4 W can be lost on it, of which about 2.3
is lost on the core while the residual 1.7 W is dissipated on the copper. Achieving this
efficiency is detailed in the following Section 3.1.3: Wire size.
3.1.3
Wire size
To chose the right wire size we must know the rms current on both the primary and
secondary sides. Since Ipeak, primary = 1.6 A and I peak, secondary = 16 A
Equation 15
By imposing a 1 W loss on the primary side wire, the maximum series resistance can be
calculated as follows:
From Joule’s law we can calculate the resistance of both the primary and secondary
windings.
Equation 16
P
co re
0.3
7.6
2.29W
=
•
=
I
rms prima ry
,
0.65A
=
and
I
rm s
o nd ary
sec
,
6.53A
=
R
P
P
CU pri
,
I
PRM S
2
--------------------
R
P
2.36
Ω
=
⇒
=
R
S
P
CU sec
,
I
SR MS
2
-------------------------
R
S
0.016
Ω
=
⇒
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com