Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3357 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3357
Description  This Application note presents the HSP061-8M16 and its capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3357 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3357 Datasheet HTML 2Page - STMicroelectronics AN3357 Datasheet HTML 3Page - STMicroelectronics AN3357 Datasheet HTML 4Page - STMicroelectronics AN3357 Datasheet HTML 5Page - STMicroelectronics AN3357 Datasheet HTML 6Page - STMicroelectronics AN3357 Datasheet HTML 7Page - STMicroelectronics AN3357 Datasheet HTML 8Page - STMicroelectronics AN3357 Datasheet HTML 9Page - STMicroelectronics AN3357 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Characteristics related to HDMI 1.4
AN3357
6/10
Doc ID 018580 Rev 1
Figure 7.
Differential impedance
Figure 7 shows the differential impedance measured with the “Time Domain Reflectometry”
method. This method consists of sending a pulse with a short rise time (200 ps between
10% and 90% for HDMI) and to measure the reflected pulse. This gives the impedance of
the line along the signal path.
The HDMI standard requires 100
Ω ±15% differential impedance (between 85 Ω and
115
Ω). As shown on Figure 7, TDR measurement on HSP061-8M16 gives an impedance
between 93
Ω and 100 Ω. These values are in accordance with the HDMI standard.
The eye diagrams defined in the HDMI standard are related to bit rate of the signal and to
location (source or sink). There are more constraints on the source side, this is why we have
chosen this one on the datasheet. The duration of the eye corresponds to a bit time. This
diagram visualizes signal duration, synchronization, overshoot and capability of the signal to
move from one state to another one. The key point for protection is to be sure there is no
slow down effect. Figure 8 shows the eye diagram for a 3.4 Gbps signal. This measurement
is done directly on the HSP061-8M16 to avoid PCB measurement effects. Measurement
shows a large safety margin between the eye pattern and the signal.
Figure 8.
Eye diagram at 3.4Gbps
tr = 200 ps (10% - 90%)
12.5
Ω /div
Z0Diff = 100 Ω-
Vertical : 200 mV / div
Horizontal : 50 ps / div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com