Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3357 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3357
Description  This Application note presents the HSP061-8M16 and its capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3357 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3357 Datasheet HTML 2Page - STMicroelectronics AN3357 Datasheet HTML 3Page - STMicroelectronics AN3357 Datasheet HTML 4Page - STMicroelectronics AN3357 Datasheet HTML 5Page - STMicroelectronics AN3357 Datasheet HTML 6Page - STMicroelectronics AN3357 Datasheet HTML 7Page - STMicroelectronics AN3357 Datasheet HTML 8Page - STMicroelectronics AN3357 Datasheet HTML 9Page - STMicroelectronics AN3357 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Layout considerations
AN3357
8/10
Doc ID 018580 Rev 1
4
Layout considerations
PCB layout must be optimized to take advantage of all performances of the HSP061-8M16.
For ESD protection efficiency, the HSP061-8M16 must be located as close as possible to
the connector. This will avoid disturbance propagation to other components through the
coupling effect.
To avoid the inductance effect of PCB tracks, it is required to go directly from the connector
to the HSP061-8M16 and then after to go to the HDMI circuit. Vias to connect the ground
pins of HSP061-8M16 to the ground plane must be as many as possible and placed as
close as possible to the protection device to reduce parasitic inductance on the ground
return path. Vias to connect ground plane and the connector can be located on both sides of
the connector.
To be compliant with HDMI requirements, differential pairs must be designed with 100
Ω
differential impedance from the connector to the IC. The length of each line in the same
differential pair must be equal to minimize intra pair skew. Length of lines in different
differential pair must also be as equal as far as possible to minimize inter pair skew. Track
width must be calculated depending on PCB characteristics (relative permittivity, spacing,
number of layers…)
Figure 10 shows an example of PCB layout for HSP061-8M16 with an HDMI type A SMD
connector..
Figure 10.
Layout example for HSP061-8M16 with HDMI type A SMD connector
As short as possible
100
differential pairs
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com