Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4205 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4205
Description  The most recent developments in energy savings fit perfectly
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4205 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4205 Datasheet HTML 2Page - STMicroelectronics AN4205 Datasheet HTML 3Page - STMicroelectronics AN4205 Datasheet HTML 4Page - STMicroelectronics AN4205 Datasheet HTML 5Page - STMicroelectronics AN4205 Datasheet HTML 6Page - STMicroelectronics AN4205 Datasheet HTML 7Page - STMicroelectronics AN4205 Datasheet HTML 8Page - STMicroelectronics AN4205 Datasheet HTML 9Page - STMicroelectronics AN4205 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Input stage of the AC/DC converter
AN4205
6/23
Doc ID 023929 Rev 1
ratio and adds to the input voltage VIN, giving a much higher voltage on the drain of the
Power MOSFET.
Equation 1
Before starting the design of the converter, some parameters need to be set.
Figure 3.
Details of the Power MOSFET drain voltage
The drain voltage of the Power MOSFET device is:
Equation 2
The Vfl reflected voltage depends on a proper NP/NS transformer ratio. In particular the
maximum voltage rating of the Power MOSFET and the VR reverse voltage across the
output diode relates to this transformer ratio. A lower NP/NS requires a higher VR on the
diode, while VDS of the Power MOSFET is decreased. However, a higher transformer ratio
implies a higher voltage stress on the Power MOSFET, while VR is decreased.
The Vspike leakage inductance overvoltage is due to energy stored in the mutual inductance
of the transformer primary side which is not completely transferred to the secondary. When
the leakage inductance is demagnetized, the energy can be transferred to the secondary. In
order to minimize this delay, the voltage across the primary inductance should be as high as
possible.
The Vmargin should be 20% of the VDSS of the Power MOSFET device.
In accordance with these explanations we have chosen:
Vspike=160 V
Vmargin=160 V
Hence, a device with VDSS = 800 V (STD3NK80Z) has been chosen. This selection will
allow using a clamp circuit with a lower operation time and having a safety margin around
the voltage rating on the drain pin.
V
fl
V
out
V
diode
+
()
·
N
p
N
s
-------
=
VDS
t
Vin
VDSmin
VDSs
VR
VR
Llk & Cd
Lp & Cd
AM16369v1
V
DSS
V
IN
V
fl
V
spike
V
min
arg
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com