Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4205 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4205
Description  The most recent developments in energy savings fit perfectly
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4205 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4205 Datasheet HTML 6Page - STMicroelectronics AN4205 Datasheet HTML 7Page - STMicroelectronics AN4205 Datasheet HTML 8Page - STMicroelectronics AN4205 Datasheet HTML 9Page - STMicroelectronics AN4205 Datasheet HTML 10Page - STMicroelectronics AN4205 Datasheet HTML 11Page - STMicroelectronics AN4205 Datasheet HTML 12Page - STMicroelectronics AN4205 Datasheet HTML 13Page - STMicroelectronics AN4205 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Input stage of the AC/DC converter
AN4205
10/23
Doc ID 023929 Rev 1
In order to calculate the wire dimension, we have to impose the maximum losses on the
copper. In this case we choose a dissipation level similar to the one of the core (Pfe) plus a
safety margin, for practical purposes we have chosen 0.5 W. Now we assume that the
primary and secondary winding losses are half of the selected total power:
PCUprimary = 0.25 W, PCUsecondary = 0.25 W
From Joule’s law, we have:
Equation 21
Equation 22
Knowing the copper resistivity at 100 °C (
ρ100=2.303*10-6 Ωcm) and the average winding
length (Lt=3.4 cm, from the datasheet of the core), we have:
Equation 23
Equation 24
Therefore, the diameter of the wire is:
Equation 25
Equation 26
In accordance with the above specifications, the final transformer has been provided by
MAGNETICA. The following table summarizes the most important parameters of this
transformer.
P
CUprimary
R
PIPrms
,
R
P
35
Ω
≅
→
=
2
P
CU
ondary
sec
R
SIPrms
,
R
S
0.5
Ω
≅
→
=
2
A
PCU
ρ
100NPLt
R
P
------------------------
3.46
10
05
–
cm
2
•
==
A
SCU
ρ
100NSLt
R
S
------------------------
4.5
10
04
–
cm
2
•
==
d
P
6.6
10
03
–
cm
•
=
d
S
23.4
10
03
–
cm
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com