Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4390 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4390
Description  The UPS is gaining ever increasing importance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4390 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4390 Datasheet HTML 3Page - STMicroelectronics AN4390 Datasheet HTML 4Page - STMicroelectronics AN4390 Datasheet HTML 5Page - STMicroelectronics AN4390 Datasheet HTML 6Page - STMicroelectronics AN4390 Datasheet HTML 7Page - STMicroelectronics AN4390 Datasheet HTML 8Page - STMicroelectronics AN4390 Datasheet HTML 9Page - STMicroelectronics AN4390 Datasheet HTML 10Page - STMicroelectronics AN4390 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID025494 Rev 1
7/14
AN4390
Technologies for UPS systems
14
Figure 6. RDS(on) comparison
On the other side, considering devices with the same BV
DSS
and die size, STripFET IV
DeepGATE technology has lower intrinsic capacitances and total gate charge (~ -20% for
Q
G
@ V
GS
= 10 V). Obviously, for low switching frequency (<100 kHz), higher intrinsic
capacitances don't affect the device’s performance (especially, temperature and efficiency).
3.1
STripFET IV DeepGATE technology
The STP90N55F4 is a 55 V Power MOSFET, housed in TO-220 and realized with STripFET
IV DeepGATE technology. Steady-state and turn-off waveforms, mounted as high-side and
low-side switches in a 1500 VA UPS, are reported in
Figure 7 and Figure 8.
Figure 7. STP90N55F4 steady-state waveforms
GIPD120920131420FSR
Table 1. STP90N55F4 main electrical parameters
Type
RDS(on) max. @ 10 V
VTH @ 250 µA
BVDSS @ 250 µA
STP90N55F4
6 m
Ω
3.2 V
> 55 V
GIPD120920131404FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com