Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4390 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4390
Description  The UPS is gaining ever increasing importance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4390 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4390 Datasheet HTML 1Page - STMicroelectronics AN4390 Datasheet HTML 2Page - STMicroelectronics AN4390 Datasheet HTML 3Page - STMicroelectronics AN4390 Datasheet HTML 4Page - STMicroelectronics AN4390 Datasheet HTML 5Page - STMicroelectronics AN4390 Datasheet HTML 6Page - STMicroelectronics AN4390 Datasheet HTML 7Page - STMicroelectronics AN4390 Datasheet HTML 8Page - STMicroelectronics AN4390 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID025494 Rev 1
3/14
AN4390
Description
14
1
Description
Uninterruptible power supplies (UPS) are widely used to avoid a sudden loss of data or
information caused by a power supply disconnection (blackout). Power and voltage spikes,
supply frequency changes, noise and radio frequency interference affect negatively the
load. In
Figure 1, the basic schematic of a "standby UPS" is shown; it is the most common
type of UPS present in the market [
1]. Surge suppressor and input filter protect the output
equipment respectively from current spike and noise coming from input line. During an input
supply failure, the transfer switch enables the battery-powered path.
Figure 1. Standby UPS schematic
The UPS DC-AC section is formed by a H-bridge supplied by the battery voltage, which is
converted into a usable AC voltage for the output equipment (
Figure 2).
Figure 2. DC-AC section: single-phase inverter
Q1-Q2 and Q3-Q4 are driven to allow current to flow through the load to both directions.
When Q1 and Q2 are in ON state, the voltage across the load is positive and the current
GIPD110920131644FSR
GIPD110920131649FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com