Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4602 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4602
Description  This document is intended to guide in the usage of and to provide useful details related
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4602 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4602 Datasheet HTML 3Page - STMicroelectronics AN4602 Datasheet HTML 4Page - STMicroelectronics AN4602 Datasheet HTML 5Page - STMicroelectronics AN4602 Datasheet HTML 6Page - STMicroelectronics AN4602 Datasheet HTML 7Page - STMicroelectronics AN4602 Datasheet HTML 8Page - STMicroelectronics AN4602 Datasheet HTML 9Page - STMicroelectronics AN4602 Datasheet HTML 10Page - STMicroelectronics AN4602 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN4602
General configuration
2
General configuration
Various features of the LIS3MDL can be configured by using CTRL_REG1, CTRL_REG2,
CTRL_REG3 and CTRL_REG4.
•
Output data rate (ODR)
−
Register CTRL_REG1; bits DO2, DO1, DO0, FAST_ODR
•
Operating modes
−
Register CTRL_REG1: bits OM1, OM0
−
Register CTRL_REG4: bits OMZ1, OMZ0
•
Full-scale
−
Register CTRL_REG2: bits FS1, FS0
•
Measurement mode
−
Mode register (CTRL_REG3): bits MD1, MD0
2.1
Full scale
The LIS3MDL provides a selectable full scale to adjust the input dynamic range of the
device to the amplitude of the magnetic field to be measured.
Full-scale configuration is selected by setting bits FS1, FS0 (register CTRL_REG2).
Table 2: Full-scale selection
FS1
FS0
Full-scale [G]
Gain@16-bit (LSB/G)
0
0
±4
6842
0
1
±8
3421
1
0
±12
2281
1
1
±16
1711
2.2
Operating modes
The LIS3DML allows four possible operating modes: low-power, medium-performance,
high -performance and ultra-high-performance.
Operating modes on the X/Y axes can be chosen independently from the operating mode
on the Z-axis:
•
X/Y axes operating mode can be selected by setting bits OM1, OM0 (register
CTRL_REG1)
•
Z-axis operating mode by using bits OMZ1, OMZ0 (register CTRL_REG4)
Table 3: X/Y axes operating mode selection
Operating mode
OM1
OM0
Low-power
0
0
Medium-performance
0
1
High-performance
1
0
Ultra-high-performance
1
1
DocID027014 Rev 1
7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com