Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4602 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4602
Description  This document is intended to guide in the usage of and to provide useful details related
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4602 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4602 Datasheet HTML 1Page - STMicroelectronics AN4602 Datasheet HTML 2Page - STMicroelectronics AN4602 Datasheet HTML 3Page - STMicroelectronics AN4602 Datasheet HTML 4Page - STMicroelectronics AN4602 Datasheet HTML 5Page - STMicroelectronics AN4602 Datasheet HTML 6Page - STMicroelectronics AN4602 Datasheet HTML 7Page - STMicroelectronics AN4602 Datasheet HTML 8Page - STMicroelectronics AN4602 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AN4602
List of tables
List of tables
Table 1: Registers.......................................................................................................................................5
Table 2: Full-scale selection .......................................................................................................................7
Table 3: X/Y axes operating mode selection ..............................................................................................7
Table 4: Z-axis operating mode selection...................................................................................................8
Table 5: Noise in operating modes (average per axis)...............................................................................8
Table 6: Data rate configuration .................................................................................................................8
Table 7: System modes ..............................................................................................................................9
Table 8: Turn-on time................................................................................................................................10
Table 9: TON for operating modes ...........................................................................................................10
Table 10: Current consumption (µA) ........................................................................................................11
Table 11: Output data registers content vs. magnetic values (FS = 4 G) ................................................15
Table 12: INT_CFG (30h) register ............................................................................................................16
Table 13: INT_CFG description ................................................................................................................16
Table 14: INT_THS_H (33h) register........................................................................................................17
Table 15: INT_THS_L (32h) register ........................................................................................................17
Table 16: INT_SRC description ................................................................................................................17
Table 17: Self-test limits (FS = 12 gauss).................................................................................................19
Table 18: Document revision history ........................................................................................................22
DocID027014 Rev 1
3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com