Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4625 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4625
Description  STEVAL-IFP023V1 evaluation board for CLT01-38S4 input termination
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4625 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4625 Datasheet HTML 18Page - STMicroelectronics AN4625 Datasheet HTML 19Page - STMicroelectronics AN4625 Datasheet HTML 20Page - STMicroelectronics AN4625 Datasheet HTML 21Page - STMicroelectronics AN4625 Datasheet HTML 22Page - STMicroelectronics AN4625 Datasheet HTML 23Page - STMicroelectronics AN4625 Datasheet HTML 24Page - STMicroelectronics AN4625 Datasheet HTML 25Page - STMicroelectronics AN4625 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
EMC requirements
AN4625
22/26
DocID027187 Rev 1
4.5
Conducted disturbance tests (IEC 61000-4-6)
The conducted radio frequency interference test must be applied to all input pins of the
system. The frequency range is from 150 kHz to 80 MHz, with 80% amplitude modulation 1
kHz sinusoidal wave. A CDN (coupling/decoupling network) or a current coupling clamp (as
described in the IEC 61000-4-6 standard) must be used to apply stress to the system. The
required level is: 3 VRMS, whatever the tested system input is. The PLC system continues
operating. No loss of function or performance is acceptable (criteria “A” according to the IEC
61131-2 standard).
4.6
Reverse analog input polarity tests
The test procedure is described in the IEC 61131-2 standard (section 5.4.4.5 of Ed2 of the
standard). A signal of reverse polarity (negative voltage) for unipolar analog inputs is applied
for 10 seconds. The result of this test is stated by the manufacturer. Each input of the
CLT01-38S4 device may be biased to a reverse polarity. This case corresponds either to a
connection mistake, or a reverse biasing that is generated by the demagnetization of a
monitored inductive solenoid. The involved input withstands the high reverse current up to
20 mA; its corresponding bit in the data frame remains in a logic low-state. The other inputs
remain operative. By considering the supply operation, a reverse blocking diode can be
connected between the module ground and the common COM pin to protect the application
(especially the serial resistors) from a spurious reverse supply connection.
4.7
EMC testing
The EMC requirements according to the IEC 61131-2 standard have been verified.
Application tests show much better results than those given by the industrial standard. Test
requirements and results are listed in the table below. No additional protection device has
been used in the application.
Table 3. EMC immunity test requirements and results
Minimum requirements of international
standards *
CLT01-38S4 robustness
Tests conditions
Level/criteria
Test conditions
Level/
criteria
ESD test
IEC61000-4-2
Air discharge
±8 kV B
On product +
RIN=2.2 kΩ / RC=0.5 kΩ
±15 kV B
Contact discharge
±4 kV B
On product +
RIN=2.2 kΩ / RC=0.5 kΩ
±8 kV B
Burst test
IEC61000-4-4
Analog input
±1 kV B
STEVAL-IFP023V1,
2MHz
±3 kV A
DC power line
±2 kV B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com