Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4625 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4625
Description  STEVAL-IFP023V1 evaluation board for CLT01-38S4 input termination
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4625 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4625 Datasheet HTML 1Page - STMicroelectronics AN4625 Datasheet HTML 2Page - STMicroelectronics AN4625 Datasheet HTML 3Page - STMicroelectronics AN4625 Datasheet HTML 4Page - STMicroelectronics AN4625 Datasheet HTML 5Page - STMicroelectronics AN4625 Datasheet HTML 6Page - STMicroelectronics AN4625 Datasheet HTML 7Page - STMicroelectronics AN4625 Datasheet HTML 8Page - STMicroelectronics AN4625 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DocID027187 Rev 1
3/26
AN4625
Description
26
1
Description
The STEVAL-IFP023V1 evaluation board (Figure 1) allows designers to evaluate the
CLT01-38S4 device behavior in industrial conditions. The board accommodates two
CLT01-38S4 chips connected to the SPI bus in a daisy chain configuration. It offers a 16-bit
digital input interface and indicates each sensor logic state with the LED.
Features:
•
8/16 input channel topology (CLT01-38S4 chip / STEVAL-IFP023V1 board)
•
Fully integrated current limiter
•
Termination for IEC 61131-2 type 1 and 3 inputs
•
SPI communication peripheral working at high frequency
•
Voltage regulator integrated on the chip
•
Thermal / voltage alarms and checksum
•
Wide range supply voltage operation
Benefits:
•
Low power dissipation compared to discrete solutions
•
Small external component count
•
Overvoltage protection
•
ESD in accordance with IEC 61000-4-2, class 4, 15 kV air discharge, 8 kV contact
discharge
•
Excellent EMC immunity
–
High energy surge (IEC 61000-4-5), 2 kV / criteria “B” without any external
protection
–
Fast transient burst (IEC 61000-4-4), +-3 kV criteria “A”
–
RF amplitude modulation (IEC 61000-4-6), 150 kHz - 80 MHz, 3 V / criteria “A”
•
Cost-effective isolation thanks to SPI bus
•
Overall dissipation reduced
•
Compact HTSSOP-38 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com