Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD488448 Datasheet(PDF) 13 Page - NEC

Part # UPD488448
Description  128 M-bit Direct Rambus??DRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD488448 Datasheet(HTML) 13 Page - NEC

Back Button UPD488448 Datasheet HTML 9Page - NEC UPD488448 Datasheet HTML 10Page - NEC UPD488448 Datasheet HTML 11Page - NEC UPD488448 Datasheet HTML 12Page - NEC UPD488448 Datasheet HTML 13Page - NEC UPD488448 Datasheet HTML 14Page - NEC UPD488448 Datasheet HTML 15Page - NEC UPD488448 Datasheet HTML 16Page - NEC UPD488448 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet M14837EJ3V0DS00
13
µµµµPD488448 for Rev. P
3. Field Encoding Summary
Table 3-1 shows how the six device address bits are decoded for the ROWA and ROWR packets. The DR4T and
DR4F encoding merges a fifth device bit with a framing bit. When neither bit is asserted, the device is not selected.
Note that a broadcast operation is indicated when both bits are set. Broadcast operation would typically be used for
refresh and power management commands. If the device is selected, the DM (DeviceMatch) signal is asserted and
an ACT or ROP command is performed.
Table 3-1 Device Field Encodings for ROWA Packet and ROWR Packet
DR4T
DR4F
Device Selection
Device Match signal (DM)
1
1
All devices (broadcast)
DM is set to 1
0
1
One device selected
DM is set to 1 if {DEVID4..DEVID0} == {0, DR3..DR0} else DM is set to 0
1
0
One device selected
DM is set to 1 if {DEVID4..DEVID0} == {1, DR3..DR0} else DM is set to 0
0
0
No packet present
DM is set to 0
Table 3-2 shows the encodings of the remaining fields of the ROWA and ROWR packets. An ROWA packet is
specified by asserting the AV bit. This causes the specified row of the specified bank of this device to be loaded into
the associated sense amps.
An ROWR packet is specified when AV is not asserted. An 11 bit opcode field encodes a command for one of the
banks of this device. The PRER command causes a bank and its two associated sense amps to precharge, so
another row or an adjacent bank may be activated.
The REFA (refresh-activate) command is similar to the ACT command, except the row address comes from an
internal register REFR, and REFR is incremented at the largest bank address. The REFP (refresh-precharge)
command is identical to a PRER command.
The NAPR, NAPRC, PDNR, ATTN, and RLXR commands are used for managing the power dissipation of the
RDRAM and are described in more detail in “23. Power State Management”. The TCEN and TCAL commands are
used to adjust the output driver slew rate and they are described in more detail in “25. Current and Temperature
Control”.
Table 3-2 ROWA Packet and ROWR Packet Field Encodings
DM
AV
ROP10..ROP0 Field
Name
Command Description
Note1
10 9876
5
4
3
2 : 0
0
—
—————
—
— —
---
—
No operation.
1
1
Row address
ACT
Activate row R8..R0 of bank BR4..BR0 of device and move device to
ATTN
Note2.
10
1
1000
x Note3
x
x
000 PRER
Precharge bank BR4..BR0 of this device.
1
0
000
1
1
0
0
x
000 REFA
Refresh (activate) row REFR8..REFR0 of bank BR4..BR0 of device.
Increment REFR if BR4..BR0=11111 (see Figure 24-1).
10
10
10
1
0
0
x
000 REFP
Precharge bank BR4..BR0 of this device after REFA (see Figure 24-1).
1
0
x
x
000
0
1
x
000 PDNR
Move this device into the powerdown (PDN) power state (see figure 23-3).
1
0
x
x
000
1
0
x
000 NAPR
Move this device into the nap (NAP) power state (see Figure 23-3).
1
0
x
x
000
1
1
x
000 NAPRC
Move this device into the nap (NAP) power state conditionally.
1
0
xxxxx
x
x
0
000 ATTN
Note2
Move this device into the attention (ATTN) power state (see Figure 23-1).
1
0
xxxxx
x
x
1
000 RLXR
Move this device into the standby (STBY) power state (see Figure 23-2).
1
0
00000
0
0
x
001 TCAL
Temperature calibrate this device (see figure 25-2).
1
0
00000
0
0
x
010 TCEN
Temperature calibrate/enable this device (see Figure 25-2).
1
0
00000
0
0
0
000 NOROP
No operation.
Notes 1. The DM (Device Match signal) value is determined by the DR4T, DR4F, DR3..DR0 field of the ROWA and ROWR packets.
See Table 3-1.
2. The ATTN command does not cause a RLX-to-ATTN transition for a broadcast operation (RD4T/DR4F=1/1).
3. An “x” entry indicates which commands may be combined. For instance, the three commands PRER/NAPRC/RLXR may
be specified in one ROP value (011000111000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com