Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD488448 Datasheet(PDF) 21 Page - NEC

Part # UPD488448
Description  128 M-bit Direct Rambus??DRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD488448 Datasheet(HTML) 21 Page - NEC

Back Button UPD488448 Datasheet HTML 17Page - NEC UPD488448 Datasheet HTML 18Page - NEC UPD488448 Datasheet HTML 19Page - NEC UPD488448 Datasheet HTML 20Page - NEC UPD488448 Datasheet HTML 21Page - NEC UPD488448 Datasheet HTML 22Page - NEC UPD488448 Datasheet HTML 23Page - NEC UPD488448 Datasheet HTML 24Page - NEC UPD488448 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet M14837EJ3V0DS00
21
µµµµPD488448 for Rev. P
9. COL-to-ROW Packet Interaction
Figure 9-1 shows arbitrary packets on the COL
and ROW pins. They must be separated by an
interval tCRDELAY which depends upon the
command and address values in the packets.
Table 9-1 summarizes the tCRDELAY value for all
possible cases.
Cases CR1, CR2, CR3, and CR9 show no
interaction between the COL and ROW packets,
either because one of the commands is a NOP or
because the packets are directed to different
devices or to non-adjacent banks.
Case CR4 is illegal because an already-activated
bank is to be re-activated without being
precharged. Case CR5 is illegal because an
adjacent bank can’t be activated or precharged
until bank Ba is precharged first.
In case CR6, the COLC packet contains a RD command, and the ROW packet contains a PRER command for the
same bank. The tRDP parameter specifies the required spacing.
Likewise, in case CR7, the COLC packet causes an automatic retire to take place, and the ROW packet contains a
PRER command for the same bank. The tRTP parameter specifies the required spacing.
Case CR8 is labeled “Hazardous” because a WR command should always be followed by an automatic retire before
a precharge is scheduled. Figure 15-3 shows an example of what can happen when the retire is not able to happen
before the precharge.
For the purposes of analyzing COL-to-ROW interactions, the PREC, WRA, and RDA commands of the COLC
packet are equivalent to the NOCOP, WR, and RD commands. These commands also cause a precharge operation
to take place. This precharge may converted to an equivalent PRER command on the ROW pins using the rules
summarized in Figure 12-2.
A ROW packet may contain commands other than ACT or PRER. The REFA and REFP commands are equivalent
to ACT and PRER for interaction analysis purposes. The interaction rules of the NAPR, PDNR, and RLXR
commands are discussed in a later section.
Table 9-1 COL-to-ROW Packet Interaction - Rules
Case #
COPa
Da
Ba
Ca1
ROPb
Db
Bb
Rb
tCRDELAY Example
CR1
NOCOP
Da
Ba
Ca1
x..x
xxxxx
xxxxx
x..x
0
CR2
RD/WR
Da
Ba
Ca1
x..x
/= Da
xxxxx
x..x
0
CR3
RD/WR
Da
Ba
Ca1
x..x
== Da
/= {Ba, Ba+1, Ba-1} x..x
0
CR4
RD/WR
Da
Ba
Ca1
ACT
== Da
== {Ba}
x..x
Illegal
CR5
RD/WR
Da
Ba
Ca1
ACT
== Da
== {Ba+1, Ba-1}
x..x
Illegal
CR6
RD
Da
Ba
Ca1
PRER
== Da
== {Ba, Ba+1, Ba-1} x..x
tRDP
Figure 13-1
CR7
retire
Note 1
Da
Ba
Ca1
PRER
== Da
== {Ba, Ba+1, Ba-1} x..x
tRTP
Figure 14-1
CR8
WR
Note 2
Da
Ba
Ca1
PRER
== Da
== {Ba, Ba+1, Ba-1} x..x
0
Figure 15-3
CR9
xxxx
Da
Ba
Ca1
NOROP xxxxx
xxxxx
x..x
0
Notes 1. This is any command which permits the write buffer of device Da to retire (see Table 3-3). “Ba” is the bank
address in the write buffer.
2. This situation is hazardous because the write buffer will be left unretired while the targeted bank is
precharged. See Figure 15-3.
Figure 9-1 COL-to-ROW Packet Interaction- Timing
CTM/CFM
DQA7..0
DQB7..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T
T17 T18 T19
Transaction a: COPa
Transaction b: ROPb
a1= {Da,Ba,Ca1}
b0= {Db,Bb,Rb}
tCRDELAY
ROPb b0
COPa a1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com