Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1691 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1691
Description  The EVAL6470H-DISC can be used together
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1691 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1691 Datasheet HTML 8Page - STMicroelectronics UM1691 Datasheet HTML 9Page - STMicroelectronics UM1691 Datasheet HTML 10Page - STMicroelectronics UM1691 Datasheet HTML 11Page - STMicroelectronics UM1691 Datasheet HTML 12Page - STMicroelectronics UM1691 Datasheet HTML 13Page - STMicroelectronics UM1691 Datasheet HTML 14Page - STMicroelectronics UM1691 Datasheet HTML 15Page - STMicroelectronics UM1691 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
General description
UM1691
12/41
DocID025486 Rev 2
4.2
L6470 stepper motor driver
The L6470 is an advanced fully integrated solution suitable for driving two-phase bipolar
stepper motors with microstepping. It integrates a dual low RDS(on) DMOS full bridge.
Features
Operating voltage: 8 - 45 V
7.0 A out peak current (3.0 A r.m.s.)
Low RDS(on) power MOSFETs
Programmable speed profile and positioning
Programmable power MOS slew rate
Up to 1/128 microstepping
Sensorless stall detection
SPI interface
Low quiescent and standby currents
Programmable non dissipative overcurrent
Two levels of overtemperature protection
Figure 7. L6470 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com