Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1691 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1691
Description  The EVAL6470H-DISC can be used together
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1691 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1691 Datasheet HTML 10Page - STMicroelectronics UM1691 Datasheet HTML 11Page - STMicroelectronics UM1691 Datasheet HTML 12Page - STMicroelectronics UM1691 Datasheet HTML 13Page - STMicroelectronics UM1691 Datasheet HTML 14Page - STMicroelectronics UM1691 Datasheet HTML 15Page - STMicroelectronics UM1691 Datasheet HTML 16Page - STMicroelectronics UM1691 Datasheet HTML 17Page - STMicroelectronics UM1691 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
General description
UM1691
14/41
DocID025486 Rev 2
4.2.2
Voltage mode driving
The configuration parameters of the voltage mode driving can be obtained through the
BEMF compensation tool embedded into the SPINFamily software.
A wrong setup of these parameters could cause several issues, in particular:
The phase current decreases with the speed and the motor will stall.
The wrong voltage is applied to the motor and the system is very noisy.
The phase current reaches the overcurrent limit.
The BEMF compensation form uses the application parameters as inputs in order to
evaluate the proper device setup.
The required inputs are:
Supply voltage.
Target phase current (r.m.s. value) at different motion conditions (acceleration,
deceleration, constant speed and holding).
Target operating speed (maximum speed).
Motor characteristics.
The motor characteristics are: electrical constant (Ke), phase inductance and resistance.
The inductance and the resistance of the phase are given in the motor datasheet. The Ke is
rarely given in the specification and must be measured.
In the help section of the SPINFamily software a step by step procedure is explained. The
same procedure can also be found in the application note “AN4144: Voltage mode control
operation and parameter optimization” on www.st.com.
Click on the “evaluate” button to get the suggested setup for the voltage mode driving. Then
click on “write” button to copy the data in the registers of the device.
4.2.3
Overcurrent and stall detection thresholds
The overcurrent protection and the stall detection are implemented measuring the current
flowing into each integrated MOSFET.
The overcurrent protection threshold should be set just above the current rating of the
motor:
IOCDth > Imax,r.m.s. × √2
For example: if the maximum phase current of the motor is 2 Ar.m.s., the overcurrent
protection should be set to about 3 A.
Warning:
Important - it is strongly discouraged to disable the
overcurrent shutdown. It may result in critical failures.
The stall detection threshold should be just above the operating peak current of the
application. During the preliminary stages of evaluation, it can be set to the maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com