Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1756 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1756
Description  The EVAL6480H-DISC and EVAL6482H-DISC are low cost development tools based
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1756 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1756 Datasheet HTML 18Page - STMicroelectronics UM1756 Datasheet HTML 19Page - STMicroelectronics UM1756 Datasheet HTML 20Page - STMicroelectronics UM1756 Datasheet HTML 21Page - STMicroelectronics UM1756 Datasheet HTML 22Page - STMicroelectronics UM1756 Datasheet HTML 23Page - STMicroelectronics UM1756 Datasheet HTML 24Page - STMicroelectronics UM1756 Datasheet HTML 25Page - STMicroelectronics UM1756 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Device configuration
UM1756
22/49
DocID026263 Rev 2
4.2
Voltage mode driving (EVAL6480H-DISC)
The configuration parameters of the voltage mode driving can be obtained through the
BEMF compensation tool embedded into the SPIN family software.
A wrong setup of these parameters could cause several issues, in particular:
The phase current decreases with the speed and the motor is stall.
The wrong voltage is applied to the motor and the system is very noisy.
The phase current reaches the overcurrent limit.
The BEMF compensation form uses the application parameters as inputs in order to
evaluate the proper device setup.
The required inputs are:
Supply voltage.
Target phase current (r.m.s. value) at different motion conditions (acceleration,
deceleration, constant speed and holding).
Target operating speed (maximum speed).
Motor characteristics.
The motor characteristics are: the electrical constant (Ke), phase inductance and
resistance. The inductance and the resistance of the phase are given in the motor
datasheet. The Ke is rarely given in the specification and must be measured.
In the help section of the SPIN family software, a step by step procedure is explained. The
same procedure can also be found in the application note AN4144: “Voltage mode control
operation and parameter optimization” on www.st.com.
Click on the “evaluate” button to get the suggested setup for the voltage mode driving. Then
click on the “write” button to copy the data into the registers of the device.
Figure 15. B.E.M.F compensation - SPIN family evaluation software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com