Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1756 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM1756
Description  The EVAL6480H-DISC and EVAL6482H-DISC are low cost development tools based
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1756 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM1756 Datasheet HTML 41Page - STMicroelectronics UM1756 Datasheet HTML 42Page - STMicroelectronics UM1756 Datasheet HTML 43Page - STMicroelectronics UM1756 Datasheet HTML 44Page - STMicroelectronics UM1756 Datasheet HTML 45Page - STMicroelectronics UM1756 Datasheet HTML 46Page - STMicroelectronics UM1756 Datasheet HTML 47Page - STMicroelectronics UM1756 Datasheet HTML 48Page - STMicroelectronics UM1756 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
DocID026263 Rev 2
45/49
UM1756
Programming section
49
21. Motor runs at constant speed of 50 steps/s in reverse direction | Run (DIR, SPD).
22. Motor softly stops after a few seconds | SoftStop.
23. The L6480 only: RESET KVAL_HOLD to initial value, RESET KVAL_RUN to initial
value.
The L6482 only: RESET TVAL_HOLD to initial value, RESET TVAL_RUN to initial
value. | SetParam (PARAM, VALUE).
24. Wait until not busy - busy status check in the Status register | GetStatus.
25. Motor moves by 100,000 steps forward | Move (DIR, N_STEP).
26. Wait until not busy - busy status check in the Status register | GetStatus.
27. Test of the Flag pin (pin 24) by polling, wait in endless cycle if problem is detected.
28. Motor moves to its home position | GoHome.
29. Wait until not busy - busy pin test (pin 22).
30. Motor goes to the absolute position 65535 through the shortest path | GoTo
(ABS_POS).
31. Wait until not busy - busy pin test (pin 22).
32. Motor goes in forward direction to the absolute position 131071 | GoTo_DIR
(DIR, ABS_POS).
33. Wait until not busy - busy pin test (pin 22).
34. The L6480 only: read run duty cycle (cSPIN_KVAL_RUN) parameter from device, read
intersect speed (cSPIN_INT_SPD) parameter from device.
The L6482 only: read run current (cSPIN_TVAL_RUN) parameter from device. |
GetParam(PARAM).
35. Read Status register content | GetStatus.
36. Read absolute position (cSPIN_ABS_POS) parameter from device |
GetParam(PARAM).
37. Reset position counter, actually | ResetPos.
38. Read absolute position (cSPIN_ABS_POS) parameter from device |
GetParam(PARAM).
39. Device disable power stage (High Impedance) immediately, as a consequence the
supply current drops | HardHiZ.
“Go until” example
40. Interrupt configuration for the SW MOTOR.
41. Motor motion in forward direction at speed 400 steps/s until the user puts a jumper on
J8, the LED_SPARE (YELLOW) toggles until the user puts a jumper on J8 |
GoUntil (ACT, DIR, SPD)
42. Motor stops.
43. The LED_SPARE (YELLOW) is switched off.
44. Wait until not busy - busy pin test (pin 22).
45. Motor moves by 50,000 steps reverse | Move (DIR, N_STEP)
46. Motor moves to the position saved by the GoUntil command into the MARK register, so
50000 steps forward | GoMark.
47. Wait until not busy - busy pin test (pin 22).
48. Nothing happens during a few seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com