Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1763 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1763
Description  Description of STLUX385A examples kit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1763 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1763 Datasheet HTML 7Page - STMicroelectronics UM1763 Datasheet HTML 8Page - STMicroelectronics UM1763 Datasheet HTML 9Page - STMicroelectronics UM1763 Datasheet HTML 10Page - STMicroelectronics UM1763 Datasheet HTML 11Page - STMicroelectronics UM1763 Datasheet HTML 12Page - STMicroelectronics UM1763 Datasheet HTML 13Page - STMicroelectronics UM1763 Datasheet HTML 14Page - STMicroelectronics UM1763 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID026335 Rev 1
11/16
UM1763
Example IV
16
6
Example IV
Figure 3. Example 03 application scheme
The example IV aims to create an application generating a PWM signal as a function of the
analog input voltage. As shown in Figure 3, the PWM0 will have a fixed frequency of
50 KHz but a variable duty cycle according to the sensed input signal.
In order to dime the input voltage, the shown analog circuit must be implemented and
plugged to the evaluation board.
Figure 4. PWM0 constant frequency with variable duty cycle
When the input voltage is below the lower threshold set to 200 mV, the PWM0 is OFF. If the
input voltage Vin ranges from 200 mV to 1 V, the PWM0 toggles at a fixed frequency of
50 KHz, but its duty cycle ranges from 2.5% to 97.5% with a 10 ns step leaving, so
a minimum off-time equals to 500 ns. When Vin overcomes the upper threshold set to 1 V,
the PWM0 is OFF. The implemented FSM is shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com