Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1763 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1763
Description  Description of STLUX385A examples kit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1763 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1763 Datasheet HTML 8Page - STMicroelectronics UM1763 Datasheet HTML 9Page - STMicroelectronics UM1763 Datasheet HTML 10Page - STMicroelectronics UM1763 Datasheet HTML 11Page - STMicroelectronics UM1763 Datasheet HTML 12Page - STMicroelectronics UM1763 Datasheet HTML 13Page - STMicroelectronics UM1763 Datasheet HTML 14Page - STMicroelectronics UM1763 Datasheet HTML 15Page - STMicroelectronics UM1763 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Example IV
UM1763
12/16
DocID026335 Rev 1
Figure 5. SMED 0 state machine
The input voltage measure is performed by the ADC at a given frequency set by the system
timer. The STMR interrupt handler performs the regulation loop reading the Vin sampled
value and computing the PWM0 according to the behavior described above.
The main code properly configures the I/O pins, the ADC, the SMED 0. It also sets the
STMR to work at a frequency that's a fraction of the HSI (16 MHz). In particular a frequency
of 10 KHz has been chosen to generate interrupts. Nothing more is needed as the SMED 0
will autonomously regulate the PWM0 to follow the behavior specified above.
Now when the input voltage falls off of the [200 mV; 1 V] range, the SMED 0 stops. Possible
evolution of this example could be modifying the firmware so that outcoming 1 V, the SMED
0 keeps going on keeping the PWM duty cycle constant. This “protection” is handled using
the same loop regulation or use the input event (CP0 and DAC0 for example) directly on the
SMED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com