Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1806 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1806
Description  EFL700A39 evaluation board kits and design-in board user guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1806 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1806 Datasheet HTML 7Page - STMicroelectronics UM1806 Datasheet HTML 8Page - STMicroelectronics UM1806 Datasheet HTML 9Page - STMicroelectronics UM1806 Datasheet HTML 10Page - STMicroelectronics UM1806 Datasheet HTML 11Page - STMicroelectronics UM1806 Datasheet HTML 12Page - STMicroelectronics UM1806 Datasheet HTML 13Page - STMicroelectronics UM1806 Datasheet HTML 14Page - STMicroelectronics UM1806 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID026737 Rev 1
11/16
UM1806
Bill of materials
16
Table 2. BOM of load board (LB)
Reference
Designation
Supplier
Ref parts
Value
BP1, BP2 Switch push button
APEM
18545AD
C3
Ceramic capacitors
10 nF
C4
Ceramic capacitors
4.5 µF
CDU2
Ceramic capacitors
AVX
06033C104JAT2A
0.1 µF / 25 V
CN2
Micro-USB SMD connector
TE Connectivity
1981584-1
CN3
2mm standard tip plug
Red
CN4
2mm standard tip plug
Black
CN5
Board-to-Board connector
Molex
22.05.2081
2.54 mm pitch
D3
Schottky diode
NXP
BAS70-07
DL1
LED 0603 SML-311 series
WURTH
150060RS75000
Red
GV
Ammeter PM-2 / +-50 UA
Monacor
Q2
N-Channel MOSFET N
Diodes
Incorporation
DMG6968U7
R1
Resistor
1.5 K
Ω
R2
Resistor
0
Ω
R3
Resistor
10 M
Ω
R4
Resistor
100 K
Ω
R5
Resistor
PANASONIC
ERJU06F8200V
820
Ω
R6
(optional)
Resistor
R7
Resistor
1 M
Ω
R8
Resistor
10 K
Ω
R9
Resistor
2
Ω
R10
Resistor
20
Ω
R11
Resistor
200
Ω
RA1
Trimmer potentiometer
BOURNS
3224X-1-503E
0-50 K
Ω
RA2
Trimmer potentiometer
BOURNS
3299P-1-505LF
0-5 M
Ω
RS1
Rotary switch 3 position
RTE03-10N 04
SW3
Switch SPDT on-on
APEM
TL36W0050
TP3, TP4 Test point pad
Square 1.5 mm
U2
Precision timer
STMicroelectronics
NE555D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com