Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1806 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1806
Description  EFL700A39 evaluation board kits and design-in board user guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1806 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1806 Datasheet HTML 1Page - STMicroelectronics UM1806 Datasheet HTML 2Page - STMicroelectronics UM1806 Datasheet HTML 3Page - STMicroelectronics UM1806 Datasheet HTML 4Page - STMicroelectronics UM1806 Datasheet HTML 5Page - STMicroelectronics UM1806 Datasheet HTML 6Page - STMicroelectronics UM1806 Datasheet HTML 7Page - STMicroelectronics UM1806 Datasheet HTML 8Page - STMicroelectronics UM1806 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID026737 Rev 1
5/16
UM1806
General description and features
16
3
General description and features
The EFL700A39 EnFilm
™ battery brings many benefits compared to conventional battery:
•
Low thickness
•
Low self-discharge
•
Extremely long calendar and cycle life time
•
High safety with no risk of burning or explosion
EFL700PMB and EFL700EVALKIT kits were developed to help designers to evaluate the
charges and discharge performances of the EFL700A39 with a proper setup of power
management.
The EFL700PMB includes one PCB: The power management board (PMB), same size as
the EFL700A39 battery mounted on the bottom side.
The EFL700EVALKIT includes two PCB: The power management board (PMB) and the
additional load board (LB).
The power management board (PMB):
•
Manages the charge and the voltage regulation of the EFL700A39
•
Protects battery against deep discharge
•
Supports the recharge through an external energy harvesting
•
Includes a CELLERGY super cap to sustain high pulsed discharge current. The super
capacitor can be disconnected with the switch SW1
The PMB can be used in association with USB port, photovoltaic panel or any kind of
harvester with its own power management. The PMB can be connected to any kind of load
with its own power management circuit.
Whatever the harvester and load system are, the PMB allows a safe and efficient use of the
EFL700A39 micro-battery.
The load board (LB):
•
Includes an analog ammeter and a digital voltmeter allowing the user to monitor:
–
The current delivered by the source by pressing PB1.
–
The current going through the EFL700A39 battery by pressing PB2.
–
The battery voltage
•
Includes a pulsed load emulator with the possibility to adjust the pulsed load cyclic
ratio. Its features are:
–
Enable / disable function by toggling the switch SW3.
–
Default pulsed load current set to 5 mA during a pulse time of 100 ms every 10 s.
–
Tunable pulse duration from 1 ms up to 130 ms through RA1 rheostat.
–
Tunable pulse repetition time from 2 s up to 14 s through RA2 rheostat.
The LB can be powered via 2 mm banana connectors or a micro-USB plug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com