Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5752 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 2SC5752
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5752 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 2SC5752_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 9Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 10Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 11Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 12Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 13Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 14Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet P15658EJ1V0DS
9
2SC5752
VCE = 3 V, IC = 5 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
0.841
0.802
0.756
0.707
0.674
0.654
0.638
0.630
0.626
0.621
0.625
0.625
0.628
0.630
0.637
0.641
0.646
0.654
0.657
0.662
0.674
0.678
0.682
0.687
0.693
0.702
0.710
0.717
0.727
0.725
−28.4
−55.9
−79.4
−97.7
−112.9
−125.5
−136.4
−145.0
−153.2
−160.0
−166.4
−172.2
−177.6
177.8
173.1
169.0
165.1
161.5
158.1
154.6
151.7
148.7
146.2
143.4
141.0
138.5
135.8
133.7
132.1
129.5
14.576
12.909
11.297
9.722
8.461
7.386
6.563
5.843
5.309
4.822
4.433
4.076
3.795
3.529
3.294
3.087
2.907
2.734
2.582
2.433
2.318
2.195
2.099
2.000
1.917
1.823
1.745
1.665
1.603
1.552
161.5
143.7
129.3
118.4
109.2
101.9
95.2
89.7
84.4
79.6
75.2
71.1
66.8
62.9
59.1
55.3
51.9
48.5
44.9
41.5
38.0
34.9
31.7
28.3
25.2
22.4
19.4
16.6
13.8
11.2
0.027
0.046
0.061
0.070
0.075
0.079
0.081
0.082
0.083
0.084
0.085
0.085
0.085
0.085
0.086
0.086
0.086
0.087
0.087
0.088
0.089
0.091
0.092
0.093
0.095
0.097
0.100
0.102
0.104
0.106
72.7
59.8
48.8
40.8
34.7
30.3
27.2
24.8
22.8
21.6
20.5
20.0
19.2
19.0
19.0
19.1
19.4
19.9
20.1
20.7
21.7
22.5
23.3
24.1
24.9
25.3
25.9
26.2
26.2
26.6
0.961
0.865
0.768
0.669
0.594
0.528
0.482
0.439
0.412
0.387
0.372
0.356
0.348
0.337
0.335
0.326
0.328
0.323
0.329
0.328
0.339
0.342
0.355
0.359
0.371
0.377
0.388
0.392
0.404
0.409
−16.3
−30.9
−42.2
−51.3
−58.0
−63.8
−68.3
−72.9
−76.8
−81.2
−84.9
−89.2
−92.7
−97.0
−100.6
−105.0
−109.0
−113.4
−117.7
−122.2
−126.5
−130.5
−134.4
−138.2
−141.8
−145.4
−149.1
−152.3
−155.2
−158.6
0.099
0.133
0.182
0.249
0.314
0.375
0.435
0.502
0.554
0.617
0.662
0.723
0.765
0.827
0.863
0.922
0.959
1.004
1.041
1.086
1.081
1.115
1.133
1.157
1.158
1.162
1.154
1.163
1.137
1.169
27.37
24.46
22.71
21.45
20.51
19.72
19.06
18.52
18.04
17.58
17.20
16.82
16.49
16.17
15.85
15.56
15.28
14.59
13.47
12.61
12.40
11.77
11.38
10.90
10.64
10.28
10.05
9.69
9.64
9.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com