Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5752 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 2SC5752
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5752 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 2SC5752_15 Datasheet HTML 12Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 13Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 14Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 15Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 16Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 17Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 18Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 19Page - Renesas Technology Corp 2SC5752_15 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet P15658EJ1V0DS
14
2SC5752
VCE = 3 V, IC = 40 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
0.529
0.542
0.552
0.558
0.558
0.564
0.572
0.574
0.579
0.583
0.593
0.594
0.603
0.608
0.618
0.624
0.633
0.639
0.646
0.650
0.659
0.667
0.670
0.677
0.685
0.691
0.698
0.708
0.715
0.712
−74.7
−116.6
−138.5
−152.2
−162.2
−169.4
−175.4
179.6
175.3
171.2
167.6
164.2
160.9
157.8
154.8
152.0
149.3
147.0
144.4
141.9
139.9
137.6
135.6
133.5
131.6
129.3
127.4
125.4
124.3
122.1
39.951
27.485
20.169
15.779
12.897
10.836
9.387
8.227
7.368
6.643
6.053
5.540
5.104
4.729
4.389
4.109
3.870
3.638
3.425
3.231
3.073
2.911
2.780
2.648
2.541
2.430
2.324
2.226
2.151
2.090
141.5
119.4
106.8
98.9
92.8
87.9
83.4
79.8
76.2
72.6
69.4
66.5
63.3
60.3
57.5
54.7
52.0
49.3
46.6
43.8
41.2
38.8
36.0
33.3
30.8
28.5
26.0
23.6
21.1
19.0
0.020
0.027
0.032
0.036
0.039
0.043
0.047
0.051
0.055
0.059
0.063
0.068
0.072
0.076
0.080
0.084
0.088
0.092
0.096
0.100
0.104
0.108
0.112
0.116
0.119
0.123
0.127
0.130
0.133
0.135
62.0
49.7
46.4
46.6
46.4
47.0
48.5
49.2
49.6
49.9
49.8
49.8
49.3
48.9
48.5
47.9
47.1
46.4
45.2
44.5
43.5
42.8
41.8
41.0
40.1
38.9
37.9
37.1
36.0
35.1
0.770
0.554
0.425
0.346
0.296
0.264
0.243
0.231
0.223
0.221
0.220
0.223
0.224
0.228
0.232
0.237
0.245
0.251
0.262
0.270
0.282
0.290
0.302
0.309
0.319
0.324
0.336
0.342
0.353
0.357
−42.0
−67.6
−83.4
−95.9
−104.8
−114.1
−120.8
−128.5
−134.1
−140.4
−144.6
−150.0
−153.1
−158.1
−160.7
−165.3
−167.8
−171.8
−174.2
−177.3
−179.4
178.0
176.3
173.8
172.4
169.9
168.0
165.8
164.4
161.9
0.266
0.404
0.539
0.658
0.757
0.837
0.889
0.940
0.971
1.000
1.013
1.036
1.044
1.061
1.062
1.072
1.070
1.077
1.077
1.088
1.079
1.077
1.078
1.080
1.070
1.070
1.066
1.060
1.050
1.065
33.10
30.03
28.06
26.44
25.15
24.03
23.02
22.09
21.28
20.51
19.12
17.98
17.25
16.45
15.88
15.25
14.82
14.27
13.82
13.29
12.98
12.60
12.24
11.87
11.68
11.34
11.07
10.85
10.73
10.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com