Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6121 Datasheet(PDF) 1 Page - NEC

Part # UPD6121
Description  REMOTE CONTROL TRANSMISSION CMOS IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6121 Datasheet(HTML) 1 Page - NEC

  UPD6121 Datasheet HTML 1Page - NEC UPD6121 Datasheet HTML 2Page - NEC UPD6121 Datasheet HTML 3Page - NEC UPD6121 Datasheet HTML 4Page - NEC UPD6121 Datasheet HTML 5Page - NEC UPD6121 Datasheet HTML 6Page - NEC UPD6121 Datasheet HTML 7Page - NEC UPD6121 Datasheet HTML 8Page - NEC UPD6121 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©
1994
DATA SHEET
MOS INTEGRATED CIRCUIT
The
µPD6121, 6122 are infrared remote control transmission ICs using the NEC transmission format that are ideally
suited for TVs, VCRs, audio equipment, air conditioners, etc. By combining external diodes and resistors, a maximum
of 65,536 custom codes can be specified. These ICs come in small packages, thus facilitating the design of light
and compact remote control transmitters.
The NEC transmission format consists of leader codes, custom codes (16 bits), and data codes (16 bits). It can
be used for various systems through decoding by a microcontroller.
FEATURES
Low-voltage operation: VDD = 2.0 to 3.3 V
Low current dissipation: 1
µA Max. (at standby)
Custom codes: 65,536 (set by external diodes and resistors)
Data codes:
µPD6121: 32 codes (single input), 3 codes (double input), expandable up to 64 codes through SEL pin
µPD6122: 64 codes (single input), 3 codes (double input), expandable up to 128 codes through SEL pin
µPD6121, 6122 are transmission code-compatible (NEC transmission format) with the µPD1913CNote, 1943GNote,
6102GNote, and 6120CNote.
Pin compatibility:
µPD6121G-001 is pin-compatible with the µPD1943G (However, capacitance of capacitor connected to
oscillator pin and other parameters vary)
µPD6122G-001 is pin-compatible with the µPD6102G (However, capacitance of capacitor connected to
oscillator pin and other parameters vary)
Standard products (Ver. I, Ver. II specifications)
Note Provided for maintenance purpose only
• When using this product (in NEC transmission format), please order custom codes from NEC.
• New custom codes for the
µPD6121G-002, µPD6122G-002 cannot be ordered.
µPD6121, 6122
The information in this document is subject to change without notice.
The mark
shows revised points.
Document No. U10114EJ6V0DS00 (6th edition)
(Previous No. IC-1813)
Date Published October 1995 P)
Printed in Japan
REMOTE CONTROL TRANSMISSION CMOS IC
*
*
*
*
DATA SHEET
©
1994


Similar Part No. - UPD6121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6121 RENESAS-UPD6121 Datasheet
348Kb / 30P
MOS INTEGRATED CIRCUIT
1994
UPD6121G-001 RENESAS-UPD6121G-001 Datasheet
348Kb / 30P
MOS INTEGRATED CIRCUIT
1994
UPD6121G-001 RENESAS-UPD6121G-001 Datasheet
312Kb / 30P
MOS INTEGRATED CIRCUIT
1984
UPD6121G-002 RENESAS-UPD6121G-002 Datasheet
348Kb / 30P
MOS INTEGRATED CIRCUIT
1994
UPD6121G-002 RENESAS-UPD6121G-002 Datasheet
312Kb / 30P
MOS INTEGRATED CIRCUIT
1984
More results

Similar Description - UPD6121

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
Princeton Technology Co...
PT2607 PTC-PT2607 Datasheet
73Kb / 3P
Remote Control Encoder IC
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
REMOTE FAN CONTROL IC
logo
NEC
UPD6102G NEC-UPD6102G Datasheet
655Kb / 9P
MULTI-PURPOSE REMOTE CONTROL TRANMITTER IC CMOS LSI
logo
Princeton Technology Co...
PT2264 PTC-PT2264 Datasheet
260Kb / 18P
Remote Control Encoder IC
logo
Toshiba Semiconductor
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
Infrared Remote-Control Signal Transmission LSI
logo
Princeton Technology Co...
PT2249A PTC-PT2249A_07 Datasheet
488Kb / 23P
Remote Control Receiver IC
logo
Renesas Technology Corp
M16C26A-RCT RENESAS-M16C26A-RCT Datasheet
538Kb / 18P
Sample Program (Remote Control Transmission/Reception)
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
Remote Control Decoder IC
April, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com