Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6121 Datasheet(PDF) 21 Page - NEC

Part # UPD6121
Description  REMOTE CONTROL TRANSMISSION CMOS IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6121 Datasheet(HTML) 21 Page - NEC

Back Button UPD6121 Datasheet HTML 17Page - NEC UPD6121 Datasheet HTML 18Page - NEC UPD6121 Datasheet HTML 19Page - NEC UPD6121 Datasheet HTML 20Page - NEC UPD6121 Datasheet HTML 21Page - NEC UPD6121 Datasheet HTML 22Page - NEC UPD6121 Datasheet HTML 23Page - NEC UPD6121 Datasheet HTML 24Page - NEC UPD6121 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
µPD6121, 6122
21
10.
PACKAGE DRAWINGS
(1) Package for the
µPD6121
*
20 PIN PLASTIC SOP (375 mil)
ITEM
MILLIMETERS
INCHES
A
B
C
E
F
G
H
I
J
13.00 MAX.
1.27 (T.P.)
2.9 MAX.
2.50
10.3±0.3
0.78 MAX.
0.12
1.6
7.2
M
0.125±0.075
N
0.512 MAX.
0.031 MAX.
0.005±0.003
0.115 MAX.
0.098
0.406
0.283
0.063
0.005
0.050 (T.P.)
P20GM-50-375B-4
P3
°
3
°
+7
°
A
NOTE
Each lead centerline is located within 0.12 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
D
0.40
0.016
+0.10
–0.05
K
0.15
0.006
+0.10
–0.05
L
0.8±0.2
0.031
0.15
–3
°
+7
°
–3
°
0.006
+0.009
–0.008
+0.004
–0.002
+0.004
–0.003
+0.012
–0.013
M
110
11
20
M
D
C
B
H
I
J
N
detail of lead end
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com