Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1107 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1107
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1107 Datasheet(HTML) 1 Page - Linear Technology

  LT1107 Datasheet HTML 1Page - Linear Technology LT1107 Datasheet HTML 2Page - Linear Technology LT1107 Datasheet HTML 3Page - Linear Technology LT1107 Datasheet HTML 4Page - Linear Technology LT1107 Datasheet HTML 5Page - Linear Technology LT1107 Datasheet HTML 6Page - Linear Technology LT1107 Datasheet HTML 7Page - Linear Technology LT1107 Datasheet HTML 8Page - Linear Technology LT1107 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1107
1107fa
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
Micropower
DC/DC Converter
Adjustable and Fixed 5V, 12V
Efficiency
s
Operates at Supply Voltages from 2V to 30V
s
Consumes Only 320
µA Supply Current
s
Works in Step-Up or Step-Down Mode
s
Only Three External Components Required
s
Low-Battery Detector Comparator On-Chip
s
User Adjustable Current Limit
s
Internal 1A Power Switch
s
Fixed or Adjustable Output Voltage Versions
s
Space Saving 8-Pin MiniDIP or SO-8 Package
The LT
®1107 is a versatile micropower DC/DC converter.
The device requires only three external components to
deliver a fixed output of 5V or 12V. Supply voltage ranges
from 2V to 12V in step-up mode and to 30V in step-down
mode. The LT1107 functions equally well in step-up, step-
down, or inverting applications.
The LT1107 is pin-for-pin compatible with the LT1111, but
has a duty cycle of 70%, resulting in increased output
current in many applications. The LT1107 can deliver
150mA at 5V from a 2AA cell input and 5V at 300mA from
24V in step-down mode. Quiescent current is just 320
µA,
making the LT1107 ideal for power-conscious battery-
operated systems. The 63kHz oscillator is optimized to
work with surface mount inductors and capacitors.
Switch current limit can be programmed with a single
resistor. An auxiliary gain block can be configured as a
low-battery detector, linear post regulator, undervoltage
lock-out circuit, or error amplifier.
s
Palmtop Computers
s
3V to 5V, 5V to 12V Converters
s
24V to 5V, 12V to 5V Converters
s
LCD Bias Generators
s
Peripherals and Add-On Cards
s
Battery Backup Supplies
s
Cellular Telephones
s
Portable Instruments
LOAD CURRENT (mA)
1
82
80
78
76
74
72
70
68
66
64
10
100
400
1107 TA02
VIN = 3V
VIN = 2.5V
VIN = 2V
5V
150mA
MBRS120T3
L1*
33
µH
47
Ω
2
× AA
ALKALINE
CELLS
100
µF
SUMIDA CD54-330K
COILCRAFT DT3316-473
*
ILIM
VIN
SENSE
SW1
SW2
GND
47
µF
LT1107-5
1107 TA01
+
+
Palmtop Computer Logic Supply
, LTC and LT are registered trademarks of Linear Technology Corporation


Similar Part No. - LT1107

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
207Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107-12 LINER-LT1107-12 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107-5 LINER-LT1107-5 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107C LINER-LT1107C Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1107

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_1 Datasheet
258Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com