Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1107 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1107
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1107 Datasheet(HTML) 3 Page - Linear Technology

  LT1107 Datasheet HTML 1Page - Linear Technology LT1107 Datasheet HTML 2Page - Linear Technology LT1107 Datasheet HTML 3Page - Linear Technology LT1107 Datasheet HTML 4Page - Linear Technology LT1107 Datasheet HTML 5Page - Linear Technology LT1107 Datasheet HTML 6Page - Linear Technology LT1107 Datasheet HTML 7Page - Linear Technology LT1107 Datasheet HTML 8Page - Linear Technology LT1107 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1107
1107fa
LT1107C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
Switch OFF
q
450
µA
fOSC
Oscillator Frequency
q
50
63
88
kHz
DC
Duty Cycle
Step-Up Mode
q
62
69
78
%
Step-Down Mode, VIN = 12V
q
50
60
70
%
tON
Switch ON Time
Step-Up Mode
q
8
11
13.5
µs
Step-Down Mode, VIN = 12V
q
6
9
12.0
µs
Reference Line Regulation
2V
≤ VIN ≤ 5V
q
0.2
0.7
%/V
VSAT
Switch Saturation Voltage, Step-Up Mode
VIN = 3V, ISW = 650mA
q
0.5
0.65
V
Switch Saturation Voltage, Step-Down Mode
VIN = 12V, ISW = 650mA
q
1.1
1.5
V
ELECTRICAL C
C
HARA TERISTICS
The q denotes the specifications which apply over the full operating temperature range, VIN = 3V, – 55°C ≤ TA ≤ 125°C, unless
otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This specification guarantees that both the high and low trip points
of the comparator fall within the 1.2V to 1.3V range.
Note 3: The output voltage waveform will exhibit a sawtooth shape due to
the comparator hysteresis. The output voltage on the fixed-output versions
will always be within the specified range.
Note 4: 100k resistor connected between a 5V source and the AO pin.
The q denotes the specifications which apply over the full operating
temperature range, VIN = 3V, military or commercial version, TA = 25°C, unless otherwise noted.
The q denotes the specifications which apply over the full operating temperature range, VIN = 3V, 0°C ≤ TA ≤ 70°C, unless otherwise
noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Pin Bias Current
LT1107, VFB = 0V
q
70
120
nA
Set Pin Bias Current
VSET = VREF
q
70
300
nA
VOL
Gain Block Output Low
ISINK = 300µA, VSET = 1V
q
0.15
0.4
V
Reference Line Regulation
5V
≤ VIN ≤ 30V
q
0.02
0.075
%/V
AV
Gain Block Gain
RL = 100k (Note 4)
q
1000
6000
V/V
Current Limit
220
Ω to ILIM to VIN
400
mA
Current Limit Temperature Coefficient
q
– 0.3
%/
°C
Switch OFF Leakage Current
Measured at SW1 Pin, VSW1 = 12V
1
10
µA
VSW2
Maximum Excursion Below GND
ISW1 ≤ 10µA, Switch OFF
– 400
– 350
mV
LT1107M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
Switch OFF
q
500
µA
fOSC
Oscillator Frequency
q
40
63
95
kHz
DC
Duty Cycle
Step-Up Mode
q
56
69
81
%
Step-Down Mode, VIN = 12V
q
45
60
73
%
tON
Switch ON Time
Step-Up Mode
q
711
15
µs
Step-Down Mode, VIN = 12V
q
59
13
µs
Reference Line Regulation
2V
≤ VIN ≤ 5V, 0°C ≤ TA ≤ 125°C
0.2
0.4
%/V
2.4V
≤ VIN ≤ 5V, TA = –55°C
0.8
%/V
VSAT
Switch Saturation Voltage, Step-Up Mode
0
°C ≤ TA ≤ 125°C, ISW = 500mA
0.5
0.65
V
TA = – 55°C, ISW = 400mA
0.5
0.65
V
Switch Saturation Voltage, Step-Down Mode
VIN = 12V, ISW = 500mA
0
°C ≤ TA ≤ 125°C
1.5
V
TA = – 55°C
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com