Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20133ASP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R2A20133ASP
Description  Critical Conduction Mode PFC Control IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20133ASP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R2A20133ASP Datasheet HTML 1Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
R2A20133ASP
Preliminary
R03DS0049EJ0300 Rev.3.00
Page 4 of 13
Nov 27, 2012
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Note
Supply Voltage
VCC
–0.3 to +24
V
Ipk-snk-out
0.9
OUT terminal peak current
Ipk-src-out
–0.50
A
3
Idc-snk-out
100
OUT terminal DC current
Idc-src-out
–50
mA
COMP terminal current
Icomp
+1
–1
mA
RT terminal current
Irt
–60 to –2
A
Vt-group1
–0.3 to VCC
4
Terminal voltage
Vt-group2
–0.3 to 5.3
V
5
CS terminal voltage
Vcs
–5 to +0.3
V
Power dissipation
Pt
0.68
W
6
Operating junction temperature
Tj-opr
–40 to +150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Rated voltages are with reference to the GND terminal.
2. For rated currents, inflow to the IC is indicated by (+), and outflow by (–).
3. Shows the transient current when driving a capacitive load.
4. This is the rated voltage for the following pins:
OUT
5. This is the rated voltage for the following pins:
FB, COMP, OVP2, RT
6. In case of R2A20133ASP (SOP):
ja = 120°C/W
This value is a thing mounting on 40
 40  1.6 [mm], a glass epoxy board of wiring density 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com