Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20133ASP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R2A20133ASP
Description  Critical Conduction Mode PFC Control IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20133ASP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R2A20133ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 9Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
R2A20133ASP
Preliminary
R03DS0049EJ0300 Rev.3.00
Page 6 of 13
Nov 27, 2012
Electrical Characteristics (cont.)
(Ta = 25°C, VCC = 12 V, CS = 0.1 V, FB = COMP, OVP2 = 0 V, RRT = 200 k
)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Rise time
tr-out
—
35
100
ns
CL = 1000 pF
tr
90%
10%
Fall time
tf-out
—
35
100
ns
CL = 1000 pF
tf
90%
10%
Vol1-out
—
0.08
0.2
V
Isink = 20 mA
Out low voltage
Vol2-out
—
0.05
0.7
V
Isink = 10 mA, VCC = 5 V
Out
Out high voltage
Voh-out
11.5
11.8
—
V
Isource = –20 mA
Over
current
protection
OCP threshold voltage
Vocp
–0.63
–0.6
–0.57
V
Dynamic OVP threshold voltage
Vdovp
—
Vfb
1.040
—
V
*
1
Dynamic UVP threshold voltage
Vduvp
—
Vfb
0.920
—
V
*
1
Static OVP threshold voltage
Vsovp
Vfb
1.075
Vfb
1.090
Vfb
1.105
V
Static OVP hysteresis
Hys-sovp
50
100
150
mV
FB low detect threshold voltage
Vfblow
0.25
0.3
0.35
V
FB low detect hysteresis
Hysfblow
0.16
0.20
0.24
V
OVP2 threshold voltage
Vovp2
Vfb
1.075
Vfb
1.090
Vfb
1.105
V
Over &
Under
voltage
protection
OVP2 source current
Isrc-ovp2
–0.40
–0.15
–0.05
A
Note:
*1 Design spec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com