Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1306 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1306
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1306 Datasheet HTML 4Page - Linear Technology LT1306 Datasheet HTML 5Page - Linear Technology LT1306 Datasheet HTML 6Page - Linear Technology LT1306 Datasheet HTML 7Page - Linear Technology LT1306 Datasheet HTML 8Page - Linear Technology LT1306 Datasheet HTML 9Page - Linear Technology LT1306 Datasheet HTML 10Page - Linear Technology LT1306 Datasheet HTML 11Page - Linear Technology LT1306 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1306
OPERATIO
In boost operation, X5 drives the rectifier Q2 into satura-
tion. The voltage across the rectifier is VCESAT. As the
inductor current decreases, Q2’s base drive also de-
creases. X5 ceases supplying base current to Q2 when the
inductor current falls to zero.
If VIN > VO, Q2 will no longer be driven into saturation.
Instead the voltage across Q2 is allowed to increase so that
the inductor voltage reverses polarity as Q1 switches.
Since the inductor voltage is bipolar, volt-second balance
can be maintained regardless of the input voltage. The
LT1306 is therefore capable of operating as a step-down
regulator with the basic boost topology. Input
start-up current is also well controlled since the inductor
current cannot increase during Q1’s off-time with negative
inductor voltage.
The rectifier voltage drop depends on both the input and
the output voltages. Efficiency in the step-down mode is
less than that of a linear regulator. For sustained step-
down operation, the maximum output current will be
limited by the package thermal characteristics.
MODE
1306 F04
VO + 0.1V
VO
VIN
BOOST
STEPDOWN
Figure 4. DC Transfer Characteristics of the Mode Control
Comparator Plotted with VIN as an Independent Variable.
VO is Considered Fixed.
MODE
0
1306 F03
VIN – 0.1V VIN
VO
BOOST
STEPDOWN
Figure 3. DC Transfer Characteristics of the Mode Control
Comparator Plotted with VO as an Independent Variable.
VIN is Considered Fixed.
A hysteretic comparator in driver X5 controls the mode
of operation. DC transfer characteristics of the compara-
tor are shown in Figure 3 and Figure 4.
A logic low at the S/S pin (Pin 8) initiates shutdown. First,
all circuit blocks in the LT1306 are switched off. The
synchronous rectifier Q2 and its driver are kept on to
allow stored inductive energy to flow to the output. As VO
drops below VIN, the voltage across the rectifier Q2
increases so that the inductor voltage reverses. Inductor
current continues to fall to zero. Driver X5 then turns off
and the rectifier, Q2, becomes an open circuit. The
LT1306 dissipates only 9
µA in shutdown.
The LT1306 is guaranteed to start with a minimum VIN of
1.8V. Comparator A5 senses the input voltage and gen-
erates an undervoltage lockout (UVLO) signal if VIN falls
below this minimum. In UVLO, VC is pulled low and Q1
stops switching. The LT1306 draws 160
µA from the
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com