Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1306 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1306
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1306 Datasheet HTML 7Page - Linear Technology LT1306 Datasheet HTML 8Page - Linear Technology LT1306 Datasheet HTML 9Page - Linear Technology LT1306 Datasheet HTML 10Page - Linear Technology LT1306 Datasheet HTML 11Page - Linear Technology LT1306 Datasheet HTML 12Page - Linear Technology LT1306 Datasheet HTML 13Page - Linear Technology LT1306 Datasheet HTML 14Page - Linear Technology LT1306 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1306
where
R
Maximum Load
Output Voltage
Maximum DC Load Current
D
Maximum Converter Duty Cycle
L
MAX
==
=
=
+
+
VV
V
O
IN MIN
O
–.
.
()
05
01
There is also a second pole at the current loop crossover
frequency
ωC (Figure 6). ωZ is much lower in frequency
than
ωC.Theloopiscompensatedbyadjustingthemidband
gain with resistor R3 (Figure 7) so that the overall loop gain
crosses 0dB before the minimum frequency RHP zero
(i.e., corresponding to the highest duty ratio). The value of
R3 can be estimated with the fromula:
R
VD
C R
L
O
MAX
O L
3
390
1
=
(–
)
Due to the low transconductance of the error amplifier, the
gain setting resistor R3 is AC-coupled with capacitor CZ.
This prevents R3 from inducing an offset to the input of the
error amplifier. It also creates a pole at DC and a low
frequency zero.
The amplitude response of the error amplifier with the
compensation network shown is:
ˆ
ˆ
••
••
•
V
V
g
R
RR
SR
C
SC
S R
C
CC
C
O
m
Z
ZP
ZP
=
+


+
()
+
()
[]
>>
2
12
13
13
APPLICATIONS INFORMATION
The low frequency zero 1/R3CZ of the compensation
network is placed at
ωP/2.
C
R
Z
P
=
2
3
ω
The capacitor CP ensures adequate gain margin beyond
the RHP zero. The high frequency pole 1/R3CP of the
amplifier frequency response is placed beyond
ωZ.
C
R
P
Z
=
1
33
ω
Higher output filter capacitance rolls off the gain response
from a lower corner frequency so higher midband gain is
required in the compensation network to make the overall
loop gain cross 0dB just below
ωZ.
Layout Consideration
To minimize EMI and high frequency resonances, it is
essential to keep the SW and the CAP trace leads as short
as possible. The input and the output bypass capacitors
CIN and COUT should be placed close to the IC package and
soldered to the ground plane. A ground plane under the
switching regulator is highly recommended. Figure 8
shows a suggested component placement and PC board
layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com