Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1330 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1330
Description  5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1330 Datasheet(HTML) 2 Page - Linear Technology

  LT1330 Datasheet HTML 1Page - Linear Technology LT1330 Datasheet HTML 2Page - Linear Technology LT1330 Datasheet HTML 3Page - Linear Technology LT1330 Datasheet HTML 4Page - Linear Technology LT1330 Datasheet HTML 5Page - Linear Technology LT1330 Datasheet HTML 6Page - Linear Technology LT1330 Datasheet HTML 7Page - Linear Technology LT1330 Datasheet HTML 8Page - Linear Technology LT1330 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LT1330
2
1330fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ..................................................6V
Supply Voltage (VL) ....................................................6V
V+ ..........................................................................13.2V
V........................................................................–13.2V
Input Voltage
Driver............................................................ Vto V +
Receiver .................................................– 30V to 30V
Output Voltage
Driver......................................................– 30V to 30V
Receiver .......................................– 0.3V to VL + 0.3V
Short-Circuit Duration
V+ .....................................................................30 sec
V.....................................................................30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
LT1330C................................................... 0°C to 70°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V+
5V VCC
C1+
C1
DR1 OUT
RX1 IN
DR2 OUT
RX2 IN
RX3 IN
RX4 IN
DR3 OUT
RX5 IN
(LOW-Q)
ON/OFF
3V VL
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
C2
C2+
DR1 IN
RX1 OUT
DR2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DR3 IN
RX5 OUT
(LOW-Q)
GND
DRIVER
DISABLE
NC
NW PACKAGE
28-LEAD (WIDE) PDIP
TOP VIEW
SW PACKAGE
28-LEAD (WIDE) PLASTIC SO
G PACKAGE
28-LEAD PLASTIC SSOP
TJMAX = 150°C, θJA = 96°C/W (G)
TJMAX = 150°C, θJA = 56°C/W (NW)
TJMAX = 150°C, θJA = 85°C/W (SW)
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Generator
V+ Output
7.9
V
VOutput
–7
V
Supply Current (VCC)TA = 25°C (Note 3)
l
6
6
12
14
mA
mA
Supply Current (VL)
(Note 4)
0.1
1
mA
The
l denotes the specifications which apply over the full operating
temperature range (0°C ≤ TA ≤ 70°C for commercial grade). (Note 2)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1330CG#PBF
LT1330CG#TRPBF
LT1330CG
28-Lead Plastic SSOP
0°C to 70°C
LT1330CNW#PBF
LT1330CNW#TRPBF
LT1330CNW
28-Lead (Wide) PDIP
0°C to 70°C
LT1330CSW#PBF
LT1330CSW#PBF
LT1330CSW
28-Lead (Wide) Plastic SO
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com