Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1330 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1330
Description  5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1330 Datasheet(HTML) 3 Page - Linear Technology

  LT1330 Datasheet HTML 1Page - Linear Technology LT1330 Datasheet HTML 2Page - Linear Technology LT1330 Datasheet HTML 3Page - Linear Technology LT1330 Datasheet HTML 4Page - Linear Technology LT1330 Datasheet HTML 5Page - Linear Technology LT1330 Datasheet HTML 6Page - Linear Technology LT1330 Datasheet HTML 7Page - Linear Technology LT1330 Datasheet HTML 8Page - Linear Technology LT1330 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LT1330
3
1330fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current When OFF (VCC)
Shutdown (Note 5)
Driver Disable
l
0.06
3.00
0.15
mA
mA
Supply Rise Time
Shutdown to Turn-On
C1 = C2 = 0.2μF,
C+ = 1.0μF, C = 0.1μF
0.2
ms
ON/OFF Pin Thresholds
Input Low Level (Device Shutdown)
Input High Level (Device Enabled)
l
l
0.8
1.4
1.4
2.4
V
V
ON/OFF Pin Current
0V ≤ VON/OFF ≤ 5V
l
–15
80
μA
DRIVER DISABLE Pin Thresholds
Input Low Level (Drivers Enabled)
Input High Level (Drivers Disabled)
l
l
0.8
1.4
1.4
2.4
V
V
DRIVER DISABLE Pin Current
0V ≤ VDRIVER DISABLE ≤ 5V
l
–10
500
μA
Oscillator Frequency
Driver Outputs Loaded RL = 3k
130
kHz
Any Driver
Output Voltage Swing
Load = 3k to GND
Positive
Negative
l
l
57.5
–6.3
–5
V
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
Input High Level (VOUT = Low)
l
l
2
1.4
1.4
0.8
V
V
Logic Input Current
0.8V ≤ VIN ≤ 2V
l
520
μA
Output Short-Circuit Current
VOUT = 0V
±9
17
mA
Output Leakage Current
Shutdown VOUT = ±30V (Note 5)
l
10
100
μA
Data Rate (Note 8)
RL = 3k, CL = 2500pF
RL = 3k, CL = 1000pF
120
250
kBAUD
kBAUD
Slew Rate
RL = 3k, CL = 51pF
RL = 3k, CL = 2500pF
4
15
15
30
V/μs
V/μs
Propagation Delay
Output Transition tHL High to Low (Note 6)
Output Transition tLH Low to High
0.6
0.5
1.3
1.3
μs
μs
Any Receiver
Input Voltage Thresholds
Input Low Threshold (VOUT = High)
Input High Threshold (VOUT = Low)
0.8
1.3
1.7
2.4
V
V
Hysteresis
l
0.1
0.4
1
V
Input Resistance
VIN = ±10V
357
Output Leakage Current
Shutdown (Note 5) 0 ≤ VOUT ≤ VCC
l
110
μA
Receivers 1, 2, 3, 4
Output Voltage
Output Low, IOUT = – 1.6mA
Output High, IOUT = 160μA (VL = 3V)
l
l
2.7
0.2
2.9
0.4
V
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
Sourcing Current, VOUT = 0V
–10
10
–20
20
mA
mA
Propagation Delay
Output Transition tHL High to Low (Note 7)
Output Transition tLH Low to High
250
350
600
600
ns
ns
Receiver 5 (LOW Q-Current RX)
Output Voltage
Output Low, IOUT = – 500μA
Output High, IOUT = 160μA (VL = 3V)
l
l
2.7
0.2
2.9
0.4
V
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
Sourcing Current, VOUT = 0V
–2
2
–4
4
mA
mA
Propagation Delay
Output Transition tHL High to Low (Note 7)
Output Transition tLH Low to High
1
1
3
3
μs
μs
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range (0°C ≤ TA ≤ 70°C for commercial grade). (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com