Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVS30D Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # AVS30D
Description  230V Automatic Voltage Switch with Surge Protection, 380 Joules, Hardwired
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVS30D Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  AVS30D Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVS30D Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
230V Automatic Voltage Switch with Surge
Protection, 380 Joules, Hardwired
MODEL NUMBER: AVS30D
Description
AVS30D Automatic Voltage Switch is a complete power protection device combining over-voltage, under-voltage, lightening and spike/surge protection for your
appliances and electronics. Also guards against surges and spikes that may occur when power is restored. Hard-wired directly into home or office wiring, the
AVS30D safeguards refrigerators, freezers, air conditioners, washers, dryers, TV's and computer equipment from fluctuating power.
Program buttons let you quickly set voltage range, on/off delay, overload protection and digital display mode, The easy to read digital LED displays show you
voltage, wattage, settings and status at a glance, The AVS30D features surge protecting components to guard against spikes and surges.
Features
30 amp current rating
Input terminal connects to the mains power
Output terminal connects to home of office wiring
Program buttons
Voltage LED
Load LED
Digital LED display
7 year limited warranty
Specifications
OUTPUT
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(6) 5-15R
Circuit Breaker (amps)
15
USB Charging
No
Highlights
30 amp current rating
Hard-wired directly into home
and office mains
Over and under voltage protection
Surge and spike protection
7 year limited warranty
Applications
Ideal for protection of
refrigerators and freezers, air
conditioners, washer/dryers,
televisions and computer
equipment.
Package Includes
AVS30D Automatic Voltage
Switch
Manual
1 / 2


Similar Part No. - AVS30D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS334M50A12T CDE-AVS334M50A12T Datasheet
303Kb / 5P
SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
AVS334M50A12T-F CDE-AVS334M50A12T-F Datasheet
206Kb / 6P
General Purpose Filtering, Bypassing, Power Supply Decoupling
AVS334M50A12T-F CDE-AVS334M50A12T-F Datasheet
462Kb / 6P
SMT Aluminum Electrolytic Capacitors - General Purpose
AVS334M50B12T CDE-AVS334M50B12T Datasheet
303Kb / 5P
SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
AVS334M50B12T-F CDE-AVS334M50B12T-F Datasheet
206Kb / 6P
General Purpose Filtering, Bypassing, Power Supply Decoupling
More results

Similar Description - AVS30D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LC2400 ETC2-LC2400 Datasheet
545Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LCR2400 ETC2-LCR2400 Datasheet
485Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LS604WM ETC2-LS604WM Datasheet
516Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
logo
Tripp Lite. All Rights ...
AVS5D TRIPPLITE-AVS5D Datasheet
521Kb / 3P
230V Automatic Voltage Switch with Surge Protection, 190 Joules, Direct Plug-In
TLP2USBD TRIPPLITE-TLP2USBD Datasheet
493Kb / 3P
Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
TLP2USBF TRIPPLITE-TLP2USBF Datasheet
491Kb / 3P
Protect It 230V Surge Protector with 2 French/Belgian Outlets, 0.33M Cord, 380 Joules, French plug
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
Over-Voltage Protection Load Switch with Surge Protection
logo
Shanghai Leiditech Elec...
OVPXXS120 LEIDITECH-OVPXXS120 Datasheet
1Mb / 20P
Ovre-Voltage Protection Load Switch with Surge Protection
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
Over-Voltage Protection Load Switch with Surge Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com