Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVS30D Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # AVS30D
Description  230V Automatic Voltage Switch with Surge Protection, 380 Joules, Hardwired
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVS30D Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  AVS30D Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVS30D Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
Nominal Input Voltage(s) Supported
220V AC
Recommended Electrical Service
230V
Input Connection Type
Hard-wire
Input Cord Length (ft.)
0
Input Cord Length (m)
0.00
Voltage Compatibility (VAC)
230
Maximum Surge Amps
6500kA
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
380
AC Suppression Response Time
<1ns
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Unit Dimensions (hwd / in.)
7 x 5.24 x 2.18
Unit Dimensions (hwd / cm)
17.78 x 13.31 x 5.537
Material of Construction
Plastic
Housing Color
Black
Metal Case
No
SPECIAL FEATURES
Right-Angle Plug
No
CERTIFICATIONS
Certifications
CE
Approvals
RoHS
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com