Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN390 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN390
Description  AVS kit guidelines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN390 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN390 Datasheet HTML 2Page - STMicroelectronics AN390 Datasheet HTML 3Page - STMicroelectronics AN390 Datasheet HTML 4Page - STMicroelectronics AN390 Datasheet HTML 5Page - STMicroelectronics AN390 Datasheet HTML 6Page - STMicroelectronics AN390 Datasheet HTML 7Page - STMicroelectronics AN390 Datasheet HTML 8Page - STMicroelectronics AN390 Datasheet HTML 9Page - STMicroelectronics AN390 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AVS description
AN390
6/17
DocID3572 Rev 4
Where:
•
F is the AC line frequency
•
R5 and R6 are the supply resistors for the DC resistive power supply
•
R5 the inrush limiter for the DC capacitive power supply
•
VRMS_Min the minimum rms AC line voltage
•
C2 the bulk capacitor
•
C3 the supply capacitor for the DC capacitive power supply
Table 1
gives the components value of the DC resistive and capacitive power supplies
whatever the AC line voltage value.
2.4
AVS block description
Figure 4
shows the block diagram of the AVS IC. Advantages of this AVS integrated circuit
are ease of circuit design, lower power dissipation, a smaller component count and
additional safety features.
Figure 4. AVS block diagram
Table 1. DC resistive and capacitor power supply components value
DC power
supply
R5
R6
C2
C3
Resistive
9.1 k
Ω at 5%
1 Watt
9.1 k
Ω at 5%
1 Watt
33 µF at 16 V 10%
Not applicable
Capacitive
100
Ω at 5%
2 Watt
Not applicable
33 µF at 16 V 10%
220 nF at 400V AC
X2
Supply
Peak
voltage
detector
Zero
voltage
crossing
detection
Oscillator
Reset
Parasitic
filter
MR Mains
mode
controller
Triggering
time
controller
1
4
8
2
7
5
6
3
VSS
VDD
VM
OSC/IN
OSC/OUT
VG
NC
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com