Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN390 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN390
Description  AVS kit guidelines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN390 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN390 Datasheet HTML 6Page - STMicroelectronics AN390 Datasheet HTML 7Page - STMicroelectronics AN390 Datasheet HTML 8Page - STMicroelectronics AN390 Datasheet HTML 9Page - STMicroelectronics AN390 Datasheet HTML 10Page - STMicroelectronics AN390 Datasheet HTML 11Page - STMicroelectronics AN390 Datasheet HTML 12Page - STMicroelectronics AN390 Datasheet HTML 13Page - STMicroelectronics AN390 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AVS description
AN390
10/17
DocID3572 Rev 4
The AC line voltage measurement is implemented through the detection of the AC line peak
voltage. R1 and R2 resistor values are defined according Equation 9, Equation 10 and
Equation 11
.
Equation 9
defines the condition for R1 and R2 resistors to limit the power dissipation and to
improve the AC line voltage measurement.
Equation 9
Equation 10
defines R1 and R2 resistors to switch from doubler operation to bridge
operation (from range I to range II).
Equation 10
Where:
•
VREG typ = -9 V
•
VTH typ = 4.25 V
Equation 11
defines R1 and R2 resistors to switch from bridge operation to doubler
operation (from range II to range I).
Equation 11
Where:
•
VREG typ = -9 V
•
VTH typ = 4.25 V
•
VH typ = 0.4 V
For rms voltage on range I (110 V) and II (230 V) R2 and R1 resistor values are respectively
18 kΩ and 1 MΩ at 1%.
Ω
<
+
<
Ω
M
R
R
k2
800
2
1
1
2
2
1
2
-
•
-
=
TH
REG
V
V
I
range
on
voltage
rms
Max
R
R
(
(
1
2
2
1
2
-
-
=
TH
REG
V
V
II
range
on
voltage
rms
Max
R
R
•
H
V
-
(
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com