Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN394 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN394
Description  Within STMicroelectronics
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN394 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN394 Datasheet HTML 2Page - STMicroelectronics AN394 Datasheet HTML 3Page - STMicroelectronics AN394 Datasheet HTML 4Page - STMicroelectronics AN394 Datasheet HTML 5Page - STMicroelectronics AN394 Datasheet HTML 6Page - STMicroelectronics AN394 Datasheet HTML 7Page - STMicroelectronics AN394 Datasheet HTML 8Page - STMicroelectronics AN394 Datasheet HTML 9Page - STMicroelectronics AN394 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AN394 - APPLICATION NOTE
8/10
Figure 10. Oscilloscope Plot, R = 10 k
Ω, C = 100 pF, Rp = 50 kΩ
PROGRAMMING MODE: ACKNOWLEDGEMENT OF READY/BUSY STATUS
During a self-timed programming cycle, MICROWIRE EEPROM devices use the Q output to indicate the
ready/busy status of the chip. This occurs during the execution of commands such as: WRITE, ERASE,
WRAL and ERAL.
The self-timed programming cycle begins with the falling edge of S, at the end of a programming com-
mand. The S pin must be kept low for a minimum of tSLSH (as described in the data sheet). The Q output
remains in its high impedance state as long as S is low. If S is brought high for clocking-in a new command,
Q comes out of its high impedance state, and indicates the Ready/Busy status of the chip (0 = Busy,
1 = Ready).
Figure 11. Acknowledgement of the Ready/Busy Signal on the Q Output
Ai02428
5V
C clock
D/Q bus
Q output
D driver enable
(1 = disabled)
10
µS
Ai02429
5V
C clock
D/Q bus
D driver enable
(1 = disabled)
10
µS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com