Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN394 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN394
Description  Within STMicroelectronics
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN394 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN394 Datasheet HTML 2Page - STMicroelectronics AN394 Datasheet HTML 3Page - STMicroelectronics AN394 Datasheet HTML 4Page - STMicroelectronics AN394 Datasheet HTML 5Page - STMicroelectronics AN394 Datasheet HTML 6Page - STMicroelectronics AN394 Datasheet HTML 7Page - STMicroelectronics AN394 Datasheet HTML 8Page - STMicroelectronics AN394 Datasheet HTML 9Page - STMicroelectronics AN394 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
AN394 - APPLICATION NOTE
In applications where D and Q are tied together, this may again create bus conflicts. Therefore, it is rec-
ommended that this status signal be cancelled as soon as possible: this can be achieved very simply by
applying a single clock pulse on the C input while S is high, as depicted in Figure 11.
The operation is scheduled as follows:
– shift the write command into the chip
– bring S low for the minimum period of tSLSH
– bring S high
– monitor the D/Q bus until a high level (Ready) is detected
–clock C once
– bring S low
– the chip is now ready to accept the next instruction
It should also be noted that, on power-up, the Ready/Busy status be initially in the active state. Therefore,
it is recommended to clock C once (with S = 1) prior to the issue of the first command.
IMPROVING ON THE CALCULATIONS IN THIS DOCUMENT
This document has discussed how MICROWIRE devices can be used in a configuration in which the D
and Q lines are tied together as a single bus. For safety, and for generality, the worst case and most con-
servative conditions have been assumed in all calculations.
In particular circumstances, however, it might be possible for the designer to do better than this. In the
designer’s own particular application, it might be reasonable to rule out some worst-case situations as nev-
er occurring, and to adapt the calculations accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com