Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN417 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN417
Description  From nickel-cadmium to nickel-hydride fast battery charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN417 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN417 Datasheet HTML 2Page - STMicroelectronics AN417 Datasheet HTML 3Page - STMicroelectronics AN417 Datasheet HTML 4Page - STMicroelectronics AN417 Datasheet HTML 5Page - STMicroelectronics AN417 Datasheet HTML 6Page - STMicroelectronics AN417 Datasheet HTML 7Page - STMicroelectronics AN417 Datasheet HTML 8Page - STMicroelectronics AN417 Datasheet HTML 9Page - STMicroelectronics AN417 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Charge termination methods
AN417
6/21
Doc ID 2074 Rev 2
Figure 2.
The negative delta voltage method fast charge is terminated at point A
In fact, a NiCd battery charged with the [-
Δ V] method is slightly overcharged: Figure 2
shows that the battery temperature has substantially increased at point A when charge is
terminated, which may decrease the life-time of the battery. More precisely in Figure 3, most
of the current fed to the battery between point B and the negative voltage drop A is not
directly converted into active battery charge, but into heat. This can be seen in the
temperature curve shown in Figure 3. The point B corresponds to the inflexion point of the
battery voltage curve versus time.
The [-
Δ V] method is definitely no longer suited when it comes to charging NiMH batteries:
the NiMH charging reaction is permanently exothermic (releases heat), so the battery
temperature would become excessive in its [-
Δ V] area of the voltage curve (see Figure 3).
Another characteristic of the NiMH batteries makes the [-
Δ V] method unsuitable: some
types of NiMH batteries do not exhibit a significant voltage drop as NiCd batteries do when
reaching their full capacity.
charging time
cell voltage
battery voltage
battery temperature
temperature
1.2
1.3
1.4
1.5
1.6
20
30
40
50
60
-dV
deg C
V
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com