Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN417 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN417
Description  From nickel-cadmium to nickel-hydride fast battery charger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN417 Datasheet(HTML) 1 Page - STMicroelectronics

  AN417 Datasheet HTML 1Page - STMicroelectronics AN417 Datasheet HTML 2Page - STMicroelectronics AN417 Datasheet HTML 3Page - STMicroelectronics AN417 Datasheet HTML 4Page - STMicroelectronics AN417 Datasheet HTML 5Page - STMicroelectronics AN417 Datasheet HTML 6Page - STMicroelectronics AN417 Datasheet HTML 7Page - STMicroelectronics AN417 Datasheet HTML 8Page - STMicroelectronics AN417 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
November 2011
Doc ID 2074 Rev 2
1/21
AN417
Application note
From nickel-cadmium to nickel-hydride fast battery charger
1
Introduction
Today, many cordless and portable equipment are supplied by a rechargeable battery
(Nickel-Cadmium, NiCd or Nickel-Hydride, NiMH). Individual applications such as portable
phones, camcorders, cordless power tools, portable appliances and audio equipment
highlight the enormous contribution made by rechargeable batteries to our comfortable
lifestyle. NiCd battery chargers charging in one hour and even less are already widespread.
Ultra fast charging of NiCd batteries in less than 15 minutes is a very attractive feature in
applications where the battery is rapidly discharged, as in power tools such as cordless drills
[1.].
Nevertheless, when fast charging, the use of a non-adapted charge termination method may
lead to a significant reduction of the battery service life. This could cause a prejudice against
the appliance manufacturer's image, as when the battery service life is reduced, the user is
practically led to a costly replacement of the complete battery pack.
The trend is now to replace NiCd batteries by the more environmentally friendly NiMH
batteries. Several charger applications such as notebook computers and portable phones
already require NiCd /NiMH compatible battery chargers. In this case, the most common
charge monitoring method used for a NiCd battery (negative delta voltage: [-
Δ V]) is no
longer suited to the NiMH battery.
In this application, the charge termination method is based on the detection of the inflexion
point in the battery voltage curve. This inflexion point detection method is not only "NiCd-
NiMH compatible", it also significantly increases the NiCd battery life-time when fast
charging.
Such a high performance charger can be totally managed by a low cost 8-bit microcontroller
(MCU), the ST6210. Safe charging is achieved by the combination of three back-up charge
termination methods: [-
Δ V] detection, temperature monitoring and timer cut-off. An
additional benefit of using such a 20 pin standard microcontroller lies in its high adaptability
of application features.
The proposed charging power converters use the Switched Mode Power Supply technology
(SMPS), operating from AC mains or DC voltage sources. A 35W/100kHz offline and a
15W/100kHz DC/DC chargers are described in this note.
www.st.com


Similar Part No. - AN417

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4172 STMICROELECTRONICS-AN4172 Datasheet
604Kb / 16P
IEEE802.3af class 3 PoE converter reference design
02-Oct-2012
AN4173 STMICROELECTRONICS-AN4173 Datasheet
240Kb / 22P
The aim of this document is to clarify the usage
13-Sep-2013
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
31-Oct-2012
More results

Similar Description - AN417

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS1702 ETC-ICS1702 Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Sanyo Semicon Device
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
logo
Galaxy Power, Inc.
ICS1712 GALAXY-ICS1712 Datasheet
635Kb / 28P
Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
saftbatteries
405CH SAFT-405CH Datasheet
126Kb / 1P
Nickel-Cadmium Aircraft Battery
505CH SAFT-505CH Datasheet
123Kb / 1P
Nickel-Cadmium Aircraft Battery
505CH2 SAFT-505CH2 Datasheet
176Kb / 1P
Nickel-Cadmium Aircraft Battery
539CH1 SAFT-539CH1 Datasheet
127Kb / 1P
Nickel-Cadmium Aircraft Battery
2726CH1 SAFT-2726CH1 Datasheet
332Kb / 1P
Nickel-Cadmium Aircraft Battery
logo
Shanghai Consonance Ele...
CN3085 CONSONANCE-CN3085 Datasheet
247Kb / 13P
Nickel-Metal Hydride Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com