Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN594 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN594
Description  This note describes a technique for driving
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN594 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN594 Datasheet HTML 11Page - STMicroelectronics AN594 Datasheet HTML 12Page - STMicroelectronics AN594 Datasheet HTML 13Page - STMicroelectronics AN594 Datasheet HTML 14Page - STMicroelectronics AN594 Datasheet HTML 15Page - STMicroelectronics AN594 Datasheet HTML 16Page - STMicroelectronics AN594 Datasheet HTML 17Page - STMicroelectronics AN594 Datasheet HTML 18Page - STMicroelectronics AN594 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Direct LCD Drive
15/28
TSTLIGN
RES
0,ORA
;
RES
1,ORA
;
RES
2,ORA
; A0, A1 & A2 become open drain output
RES
0,DDRA
;
RES
1,DDRA
;
RES
2,DDRA
; then pull up input
SET
3,DDRA;
SET
4,DDRA;
SET
5,DDRA
; A3, A4 & A5 become open drain output
SET
3,ORA
;
SET
4,ORA
;
SET
5,ORA
; then push pull output at Vss
LD
A,DRA
ANDI A,07h
JRR
0,A,LIGN2
; if A0 = 0 then row #2
JRR
1,A,LIGN3
; if A1 = 0 then row #3
JRR
2,A,LIGN4
; if A2 = 0 then row #4
LIGN1
JP
CLAVIER3
; else row #1 is selected & TOUCH unchanged
LIGN2
LD
A,TOUCH
ADDI A,3
LD
TOUCH,A
; row #2 so TOUCH
∂ TOUCH + 3
JP
CLAVIER3
LIGN3
LD
A,TOUCH
ADDI A,6
LD
TOUCH,A
; row #3 so TOUCH
∂ TOUCH + 6
JP
CLAVIER3
LIGN4
JRS
0,TOUCH,ONOFF1
LDI
TOUCH,00h
JP
CLAVIER3
ONOFF1
LDI
TOUCH,0Ah
; TOUCH
∂ 0Ah means action on ON/OFF button
CLAVIER3 RES
3,ORA
;
RES
4,ORA
;
RES
5,ORA
; A3, A4 & A5 become open drain ouput
RES
3,DDRA
;
RES
4,DDRA
;
RES
5,DDRA
; then pull up inputs
SET
0,DDRA
;
SET
1,DDRA
;
SET
2,DDRA
; A0, A1 & A2 become open drain output
SET
0,ORA;
SET
1,ORA;
SET
2,ORA
; then push pull output at Vss
CLAVIER4 LD
A,TOUCH
CP
A,TOUCHP
JRNZ CLAVIER5
JP
FINCLAV
; IF unchanged state keyboard THEN end
CLAVIER5 LD
TOUCHP,A
; ELSE TOUCHP
∂ TOUCH
CPI
A,0FFh
JRNZ CLAVIER7
; IF any keyboard buttons are pushed
JP
FINCLAV
; THEN end of subroutine
CLAVIER7 CPI
A,0Ah
; ELSE test ON/OFF button
JRZ
ONOFF2
; IF yes THEN set FLAGS
LD
A,TOUCHU
; ELSE shift keyboard value
LD
TOUCHD,A;
LD
A,TOUCH;
LD
TOUCHU,A
; to be displayed
JP
FINCLAV
ONOFF2
SET
0,FLAGS
FINCLAV
RET
;*************************************************************************
;*
END OF KEYBOARD SUBROUTINE
;*************************************************************************
ANNEX 1: Software of the ST6215x based application (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com