Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN594 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN594
Description  This note describes a technique for driving
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN594 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN594 Datasheet HTML 20Page - STMicroelectronics AN594 Datasheet HTML 21Page - STMicroelectronics AN594 Datasheet HTML 22Page - STMicroelectronics AN594 Datasheet HTML 23Page - STMicroelectronics AN594 Datasheet HTML 24Page - STMicroelectronics AN594 Datasheet HTML 25Page - STMicroelectronics AN594 Datasheet HTML 26Page - STMicroelectronics AN594 Datasheet HTML 27Page - STMicroelectronics AN594 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Direct LCD Drive
26/28
;************************************************************************
;*
DIGIT2
TABLE
;************************************************************************
.org
0f00h
.byte
08fh,02fh,07fh,0dfh,0efh,0efh,01fh,01fh
.byte
01fh,06fh,0efh,09fh,04fh,06fh,0bfh,09fh
.byte
06fh,0afh,09fh,05fh,04fh,03fh,0bfh,0cfh
.byte
00fh,03fh,0ffh,0cfh,0efh,06fh,01fh,09fh
.byte
00fh,02fh,0ffh,0dfh,04fh,02fh,0bfh,0dfh
.byte
0ffh,0ffh,00fh,00fh,000h,000h,000h,000h
.byte
000h,000h,000h,000h,000h,000h,000h,000h
.byte
000h,000h,000h,000h,000h,000h,000h,000h
;************************************************************************
;*
DIGIT1
TABLE
;************************************************************************
.org
0f40h
.byte
0f8h,0f2h,0f7h,0fdh,0feh,0feh,0f1h,0f1h
.byte
0f1h,0f6h,0feh,0f9h,0f4h,0f6h,0fbh,0f9h
.byte
0f6h,0fah,0f9h,0f5h,0f4h,0f3h,0fbh,0fch
.byte
0f0h,0f3h,0ffh,0fch,0feh,0f6h,0f1h,0f9h
.byte
0f0h,0f2h,0ffh,0fdh,0f4h,0f2h,0fbh,0fdh
.byte
0ffh,0ffh,0f0h,0f0h,000h,000h,000h,000h
ANNEX 2: Software of the ST6265x based application (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com