Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN886 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN886
Description  A customer who develops an MCU-based application needs various levels of flexibility in order
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN886 Datasheet(HTML) 7 Page - STMicroelectronics

  AN886 Datasheet HTML 1Page - STMicroelectronics AN886 Datasheet HTML 2Page - STMicroelectronics AN886 Datasheet HTML 3Page - STMicroelectronics AN886 Datasheet HTML 4Page - STMicroelectronics AN886 Datasheet HTML 5Page - STMicroelectronics AN886 Datasheet HTML 6Page - STMicroelectronics AN886 Datasheet HTML 7Page - STMicroelectronics AN886 Datasheet HTML 8Page - STMicroelectronics AN886 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
SELECTING BETWEEN ROM, FASTROM AND OTP FOR A MICROCONTROLLER
5 OTP RELIABILITY
Why do ROM devices have very low failure rates?
For ROM parts, the customer program is included at a specific mask level of the wafer fab-
rication. Therefore, the complete product functionality is present in both the die and the as-
sembled product. This functionality can be fully evaluated at both wafer probing and final
electrical test, thus ensuring a low reject rate at customer manufacturing stage.
Testing Programmability and Data Retention for OTP devices
To ensure optimal OTP quality, STMicroelectronics tests two important device characteristics:
programmability and data retention. The program memory of an OTP should be seen as a
number of cells that will be activated during programming. These cells can be “deactivated” by
lighting the die with UV light. This recovery is no longer possible once the OTP die has been
encapsulated in an opaque plastic package. Therefore programmability and data retention
can only be fully tested at wafer probing.
At this step the dice are electrically tested and the memory is programmed to verify program-
mability. Then the wafers are placed in high temperature bake to accelerate any possible
memory retention defects. The dice are then tested again to check data retention. After this
test, UV light is used to deactivate the cells and the good dice are assembled.
Description of OTP programmability test
Figure 4. Details about the electrical tests performed on OTP and ROM
Although the programmability of the OTP die is verified as fully functional at probe test, the as-
sembly process can affect this parameter in the finished product (for example by damaging
some cells). It is therefore necessary to make a final test to check programmability. But
since UV light cannot be used to restore OTP's programmed bytes once the die has been en-
Full Electrical
Memory Check
Full Electrical
OTP Programming
Memory Check
Inking
Memory Check
BAKE
Programmability
Data Retention
ROM
OTP
WAFER PROBING
FINAL TEST
Tested
Feature
TEST
TEST
Full Electrical
Memory Check
TEST
Full Electrical
TEST
Full Electrical
Memory Check
TEST
(reserved number
of bytes)
VR02100E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com