Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN886 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN886
Description  A customer who develops an MCU-based application needs various levels of flexibility in order
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN886 Datasheet(HTML) 3 Page - STMicroelectronics

  AN886 Datasheet HTML 1Page - STMicroelectronics AN886 Datasheet HTML 2Page - STMicroelectronics AN886 Datasheet HTML 3Page - STMicroelectronics AN886 Datasheet HTML 4Page - STMicroelectronics AN886 Datasheet HTML 5Page - STMicroelectronics AN886 Datasheet HTML 6Page - STMicroelectronics AN886 Datasheet HTML 7Page - STMicroelectronics AN886 Datasheet HTML 8Page - STMicroelectronics AN886 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
SELECTING BETWEEN ROM, FASTROM AND OTP FOR A MICROCONTROLLER
1 TYPICAL APPLICATION DEVELOPMENT FLOW
When a new application is developed, different device versions will be used at each step of the
development, depending on the required programming flexibility.
During the design phase, a high flexibility is required and only a small number of parts are
necessary, therefore the use of UV erasable EPROM is recommended. Then, fewer code cor-
rections (and a significant number of parts) are needed during validation phase: at this point
OTP is the best solution.
The next step is pre-production phase: only a few code updates are needed at a reasonable
device cost. Again, the best choice is to use OTP memory. Finally, when the mass produc-
tion phase begins, there is no more need for corrections since the product has been fully op-
timized, so ROM is the most adapted if very high volumes are needed. Otherwise (low to me-
dium volumes) the most effective solution is to continue using STMicroelectronics’ competi-
tively priced OTP.
The following table summarizes the main benefits and drawbacks of using ROM, OTP or win-
dowed EPROM MCU devices.
Design
Phase
Validation
Phase
Pre-production
Phase
Production
Phase
ST
Solution
EPROM
OTP
OTP
OTP
ROM
Code
Updates
••••
•••
••
•
None
Number
of Units
•
••
•••
••••
•••••
ROM
OTP
EPROM
+
Cheaper than OTP (simpler
process and testing)
Lower failure rate
(less handling, no program-
ming)
Lower cost compared to win-
dowed EPROM
(use of cheaper plastic packag-
es)
Ability to be programmed di-
rectly by the final user
High flexibility
(Programming, Code check
and Erasure cycle in less than
60 minutes)
-
Limited flexibility
(customer code implemented
at masking stage)
Higher inventory risks
Higher failure rate compared to
ROM due to customer handling
and programming
Expensive ceramic packages



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com