Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN901 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN901
Description  Electromagnetic compatibility
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN901 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN901 Datasheet HTML 5Page - STMicroelectronics AN901 Datasheet HTML 6Page - STMicroelectronics AN901 Datasheet HTML 7Page - STMicroelectronics AN901 Datasheet HTML 8Page - STMicroelectronics AN901 Datasheet HTML 9Page - STMicroelectronics AN901 Datasheet HTML 10Page - STMicroelectronics AN901 Datasheet HTML 11Page - STMicroelectronics AN901 Datasheet HTML 12Page - STMicroelectronics AN901 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
EMC GUIDELINES FOR MICROCONTROLLER-BASED APPLICATIONS
3.4.1.2 Conducted EME Tests
The noise radiated by the microcontroller is caused by the supply current and the output
signal. So, the most significant conducted emission measurements consists of analysing
these signals with a spectrum analyser.
Two probes are used to extract the signal and to adapt the impedance to the spectrum ana-
lyser input.
Figure 1. Ground Current Probe
The 1-ohm resistor is inserted into the main GND wire, i.e. between the power supply, decou-
pling capacitor and pin load on one side and the IC GND and oscillator load on the other.
Figure 2. Output Signal Probe
A good correlation can be found between radiated EME and ground current measurements.
The 1-ohm probe has very good high frequency (HF) characteristics up to 1 GHz. Due to low
signal levels, an amplifier is used.
Output Pin Probe
The HF resistance of wires on application boards is typically in the range of 100-300 ohms.
Therefore, the MCU can be seen as a noise generator connected to a 150-ohm antenna
system. These definitions are taken from standard IEC 1000-4-6. To convert the 150-ohm
board load to 50 ohms, a voltage divider is used.
Vss
1
Ω
49
Ω
Coax cable (= 50
Ω)
to Spectrum Analyser
100
µF
OSCIN
OSCOUT
1
Ω
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com